Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1329 Datasheet(PDF) 6 Page - ams AG

Part # AS1329
Description  Low Vol tage, Micropower, DC-DC Step-Up Conver ters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1329 Datasheet(HTML) 6 Page - ams AG

Back Button AS1329 Datasheet HTML 2Page - ams AG AS1329 Datasheet HTML 3Page - ams AG AS1329 Datasheet HTML 4Page - ams AG AS1329 Datasheet HTML 5Page - ams AG AS1329 Datasheet HTML 6Page - ams AG AS1329 Datasheet HTML 7Page - ams AG AS1329 Datasheet HTML 8Page - ams AG AS1329 Datasheet HTML 9Page - ams AG AS1329 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ams.com/DC-DC_Step-Up/AS1329
Revision 1.12
6 - 20
AS1329
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. No Load Battery Current vs. Battery Voltage;
Figure 10. Efficiency vs. Battery Voltage; AS1329A
10
100
1000
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6 2.8
3
Battery Voltage (V)
20
30
40
50
60
70
80
90
100
0.7
1.2
1.7
2.2
2.7
3.2
Battery Voltage (V)
Il oad =80µA
Il oad =800µA
Il oad =11mA
Figure 11. Efficiency vs. Output Current of AS1329A
Figure 12. Efficiency vs. Output Current of AS1329B
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
Vi n =1.0V
Vi n =1.5V
Vi n =2.2V
Vi n =2.4V
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
Vi n =1.0V
Vi n =1.5V
Vi n =2.2V
Vi n =2.4V
Figure 13. Efficiency vs. Output Current of AS1329C
Figure 14. Efficiency vs. IOUT Comparison; VIN = 2.0V
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
Vi n =1.0V
Vi n =1.5V
Vi n =2.2V
20
30
40
50
60
70
80
90
100
1
10
100
Output Current (mA)
AS1329A
AS1329B
AS1329C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com