Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1334 Datasheet(PDF) 3 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 3 Page - ams AG

  AS1334_07 Datasheet HTML 1Page - ams AG AS1334_07 Datasheet HTML 2Page - ams AG AS1334_07 Datasheet HTML 3Page - ams AG AS1334_07 Datasheet HTML 4Page - ams AG AS1334_07 Datasheet HTML 5Page - ams AG AS1334_07 Datasheet HTML 6Page - ams AG AS1334_07 Datasheet HTML 7Page - ams AG AS1334_07 Datasheet HTML 8Page - ams AG AS1334_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1334
Revision 1.09
2 - 18
AS1334
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Configuration
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1
FB
Feedback Pin. Connect to the output at the output filter capacitor.
2
POK
Power-OK.
0 = VOUT < 90% of VOUTNOM.
1 = VOUT > 90% of VOUTNOM.
3
EN
Enable Input. Set this digital input high for normal operation. For shutdown, set low.
4
VDD
+2.7V to +5.5V Power Supply Voltage. Analog Supply Input.
5, 9
SGND
Analog and Control Ground. Connect these pins with low resistance to PGND.
6
PVIN
+2.7V to +5.5V Power Supply Voltage. Input to the internal PFET switch.
7SW
Switch Pin. Switch node connection to the internal PFET switch and NFET synchronous rectifier.
Connect to an inductor with a saturation current rating that exceeds the maximum switch peak
current limit specification of the AS1334.
8PGND
Power Ground. Connect this pin with low resistance to SGND.
5SGND
3
EN
2
POK
1
FB
8PGND
AS1334
4
VDD
7 SW
6PVIN
9
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com