Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1334 Datasheet(PDF) 4 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 4 Page - ams AG

  AS1334_07 Datasheet HTML 1Page - ams AG AS1334_07 Datasheet HTML 2Page - ams AG AS1334_07 Datasheet HTML 3Page - ams AG AS1334_07 Datasheet HTML 4Page - ams AG AS1334_07 Datasheet HTML 5Page - ams AG AS1334_07 Datasheet HTML 6Page - ams AG AS1334_07 Datasheet HTML 7Page - ams AG AS1334_07 Datasheet HTML 8Page - ams AG AS1334_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1334
Revision 1.09
3 - 18
AS1334
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 4 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
Electrical Parameters
VDD, PVIN to SGND
-0.3
+7.0
V
PGND to SGND
-0.3
+0.3
V
POK, EN, FB
SGND - 0.3
VDD + 0.3
V
7.0V max
SW
PGND - 0.3
PVIN + 0.3
V
PVIN to VDD
-0.3
+0.3
V
Input Voltage Range
2.7
5.5
V
Recommended Load Current
650
mA
Ambient Temperature (TA) Range
-40
+85
ºC
In applications where high power dissipation and/
or poor package thermal resistance is present,
the maximum ambient temperature may have to
be derated.
Maximum ambient temperature (TA-MAX) is
dependent on the maximum operating junction
temperature (TJ-MAX-OP = 125ºC), the maximum
power dissipation
of the device in the application (PD-MAX), and the
junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by
the following
equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Electrostatic Discharge
Human Body Model
2
kV
Norm: MIL 883 E method 3015
Temperature Ranges and Storage Conditions
Junction Temperature (TJ-MAX)
+150
ºC
Storage Temperature Range
-55
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020“Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State
Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).
Humidity
5
86
%
Non-condensing
Moisture Sensitive Level
1
Represents a max. floor life time of unlimited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com