Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP608 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP608
Description  2.5V to 6.0V Micropower CMOS Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP608 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP608 Datasheet HTML 5Page - Microchip Technology MCP608 Datasheet HTML 6Page - Microchip Technology MCP608 Datasheet HTML 7Page - Microchip Technology MCP608 Datasheet HTML 8Page - Microchip Technology MCP608 Datasheet HTML 9Page - Microchip Technology MCP608 Datasheet HTML 10Page - Microchip Technology MCP608 Datasheet HTML 11Page - Microchip Technology MCP608 Datasheet HTML 12Page - Microchip Technology MCP608 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
© 2008 Microchip Technology Inc.
DS11177E-page 9
MCP606/7/8/9
Note: Unless otherwise indicated, V
DD = +2.5V to +5.5V, VSS = GND, TA =+25°C, VCM =VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 100 kΩ to VL, CL = 60 pF, and CS is tied low.
FIGURE 2-25:
Large-signal, Non-inverting
Pulse Response.
FIGURE 2-26:
Small-signal, Non-inverting
Pulse Response.
FIGURE 2-27:
Chip Select (CS) Hysteresis
(MCP608 only).
FIGURE 2-28:
Large-signal, Inverting
Pulse Response.
FIGURE 2-29:
Small-signal, Inverting Pulse
Response.
FIGURE 2-30:
Amplifier Output Response
Times vs. Chip Select (CS) Pulse (MCP608
only).
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Time (50 µs/div)
VDD = 5.0V
Time (50 µs/div)
VDD = 5.0V
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0 0.5 1.01.5 2.02.5 3.03.5 4.04.5 5.0
CS Input Voltage (V)
Amplifier Output Active
Amplifier Output Hi-Z
VDD = 5.0V
Hysteresis
CS Input
High to Low
CS Input
Low to High
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Time (50 µs/div)
VDD = 5.0V
Time (50 µs/div)
RL = 25 kΩ
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Time (5 µs/div)
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
CS
VOUT
Output
Hi-Z
Output
Hi-Z
Output Enabled
G = +1 V/V
RL = 1 kΩ to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com