| Electronic Components Datasheet Search |
|
MCP608 Datasheet(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP608 Datasheet(HTML) 14 Page - Microchip Technology |
|
14 / 32 page ![]() MCP606/7/8/9 DS11177E-page 14 © 2008 Microchip Technology Inc. FIGURE 4-6: Unused Op Amps. 4.7 PCB Surface Leakage In applications where low input bias current is critical, Printed Circuit Board (PCB) surface-leakage effects need to be considered. Surface leakage is caused by humidity, dust or other contamination on the board. Under low humidity conditions, a typical resistance between nearby traces is 1012 Ω. A 5V difference would cause 5 pA of current to flow, which is greater than the MCP606/7/8/9 family’s bias current at 25°C (1 pA, typi- cal). The easiest way to reduce surface leakage is to use a guard ring around sensitive pins (or traces). The guard ring is biased at the same voltage as the sensitive pin. An example of this type of layout is shown in Figure 4-7. FIGURE 4-7: Example Guard Ring Layout for Inverting Gain. 1. Non-inverting Gain and Unity-gain Buffer: a) Connect the non-inverting pin (VIN+) to the input with a wire that does not touch the PCB surface. b) Connect the guard ring to the inverting input pin (VIN–). This biases the guard ring to the common mode input voltage. 2. Inverting Gain and Transimpedance Gain (convert current to voltage, such as photo detectors) amplifiers: a) Connect the guard ring to the non-inverting input pin (VIN+). This biases the guard ring to the same reference voltage as the op amp (e.g., VDD/2 or ground). b) Connect the inverting pin (VIN–) to the input with a wire that does not touch the PCB surface. 4.8 Application Circuits 4.8.1 LOW-SIDE BATTERY CURRENT SENSOR The MCP606/7/8/9 op amps can be used to sense the load current on the low-side of a battery using the circuit in Figure 4-8. In this circuit, the current from the power supply (minus the current required to power the MCP606) flows through a sense resistor (RSEN), which converts it to voltage. This is gained by the the amplifier and resistors, RG and RF.Since the non-inverting input of the amplifier is at the load’s negative supply (VLM), the gain from RSEN to VOUT is RF/RG. FIGURE 4-8: Low Side Battery Current Sensor. Since the input bias current and input offset voltage of the MCP606 are low, and the input is capable of swing- ing below ground, there is very little error generated by the amplifier. The quiescent current is very low, which helps conserve battery power. The rail-to-rail output makes it possible to read very low currents. VDD VDD ¼ MCP604 (A) ¼ MCP604 (B) R1 R2 VDD VREF V REF V DD R 2 R 1 R 2 + ------------------ ⋅ = Guard Ring V SS VIN-VIN+ V OUT V LM I + L R SEN R F R G ⁄ () = RF To Load 2.5V RG MCP606 5k Ω 50 k Ω To Load VOUT RSEN 10 Ω (VLM) (VLP) IL to 6.0V |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |