| Electronic Components Datasheet Search |
|
MCP608T Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP608T Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 32 page ![]() © 2008 Microchip Technology Inc. DS11177E-page 13 MCP606/7/8/9 4.2 Rail-to-Rail Output There are two specifications that describe the output-swing capability of the MCP606/7/8/9 family of op amps. The first specification (Maximum Output Voltage Swing) defines the absolute maximum swing that can be achieved under the specified load conditions. For instance, the output voltage swings to within 15 mV of the negative rail with a 25 k Ω load to VDD/2. Figure 2-23 shows how the output voltage is limited when the input goes beyond the linear region of operation. The second specification that describes the out- put-swing capability of these amplifiers (Linear Output Voltage Range) defines the maximum output swing that can be achieved while the amplifier still operates in its linear region. To verify linear operation in this range, the large-signal DC Open-Loop Gain (AOL) is measured at points inside the supply rails. The measurement must meet the specified AOL conditions in the specification table. 4.3 Capacitive Loads Driving large capacitive loads can cause stability problems for voltage-feedback op amps. As the load capacitance increases, the feedback loop’s phase margin decreases and the closed-loop bandwidth is reduced. This produces gain-peaking in the frequency response, with overshoot and ringing in the step response. A unity-gain buffer (G = +1) is the most sensitive to capacitive loads, though all gains show the same general behavior. When driving large capacitive loads with these op amps (e.g., > 60 pF when G = +1), a small series resistor at the output (RISO in Figure 4-4) improves the feedback loop’s phase margin (stability) by making the output load resistive at higher frequencies. The bandwidth will be generally lower than the bandwidth with no capacitive load. FIGURE 4-4: Output Resistor, RISO stabilizes large capacitive loads. Figure 4-5 gives recommended RISO values for different capacitive loads and gains. The x-axis is the normalized load capacitance (CL/GN), where GN is the circuit’s noise gain. For non-inverting gains, GN and the Signal Gain are equal. For inverting gains, GN is 1+|Signal Gain| (e.g., -1 V/V gives GN =+2V/V). FIGURE 4-5: Recommended RISO Values for Capacitive Loads. After selecting RISO for your circuit, double-check the resulting frequency response peaking and step response overshoot. Modify RISO’s value until the response is reasonable. Bench evaluation and simula- tions with the MCP606/7/8/9 SPICE macro model are helpful. 4.4 MCP608 Chip Select The MCP608 is a single op amp with Chip Select (CS). When CS is pulled high, the supply current drops to 50 nA (typical) and flows through the CS pin to VSS. When this happens, the amplifier output is put into a high-impedance state. By pulling CS low, the amplifier is enabled. The CS pin has an internal 5 M Ω (typical) pull-down resistor connected to VSS, so it will go low if the CS pins is left floating. Figure 1-1 shows the output voltage and supply current response to a CS pulse. 4.5 Supply Bypass With this family of operational amplifiers, the power supply pin (VDD for single-supply) should have a local bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm for good high-frequency performance. It also needs a bulk capacitor (i.e., 1 µF or larger) within 100 mm to provide large, slow currents. This bulk capacitor can be shared with other nearby analog parts. 4.6 Unused Op Amps An unused op amp in a quad package (MCP609) should be configured as shown in Figure 4-6. These circuits prevent the output from toggling and causing crosstalk. Circuits A sets the op amp at its minimum noise gain. The resistor divider produces any desired reference voltage within the output voltage range of the op amp; the op amp buffers that reference voltage. Circuit B uses the minimum number of components and operates as a comparator, but it may draw more current. VIN MCP60X RISO VOUT CL 100 1000 10000 10 100 1000 10000 Normalized Load Capacitance; CL/GN (F) 10p 10n 1n 100p 100 10k 1k GN = +1 GN = +2 GN ≥ +4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |