| Electronic Components Datasheet Search |
|
MCP608T Datasheet(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP608T Datasheet(HTML) 2 Page - Microchip Technology |
|
2 / 32 page ![]() MCP606/7/8/9 DS11177E-page 2 © 2008 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings † VDD –VSS ........................................................................7.0V Current at Input Pins ....................................................±2 mA Analog Inputs (VIN+, VIN–) †† ........ VSS –1.0VtoVDD +1.0V All Other Inputs and Outputs ......... VSS – 0.3V to VDD +0.3V Difference Input Voltage ...................................... |VDD –VSS| Output Short Circuit Current .................................Continuous Current at Output and Supply Pins ............................±30 mA Storage Temperature.................................. –65° C to +150° C Maximum Junction Temperature (TJ) .........................+150° C ESD Protection On All Pins (HBM; MM) .............. ≥ 3 kV; 200V † Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. †† See Section 4.1.2 “Input Voltage and Current Limits”. DC CHARACTERISTICS Electrical Characteristics: Unless otherwise indicated, V DD = +2.5V to +5.5V, VSS =GND, TA =+25°C, VCM =VDD/2, VOUT ≈ VDD/2, VL = VDD/2, RL = 100 kΩ to VL, and CS is tied low (refer to Figure 1-2 and Figure 1-3). Parameters Sym Min Typ Max Units Conditions Input Offset Input Offset Voltage V OS -250 — +250 µV Input Offset Drift with Temperature ΔV OS/ΔT A —±1.8 — µV/°C TA = -40°C to +85°C Power Supply Rejection Ratio PSRR 80 93 — dB Input Bias Current and Impedance Input Bias Current IB —1 — pA At Temperature IB ——80 pA TA = +85°C Input Offset Bias Current IOS —1 — pA Common Mode Input Impedance ZCM —1013||6 — Ω||pF Differential Input Impedance ZDIFF —1013||6 — Ω||pF Common Mode Common Mode Input Range VCMR VSS –0.3 VDD – 1.1 V CMRR ≥ 75 dB Common Mode Rejection Ratio CMRR 75 91 — dB VDD = 5V, VCM = -0.3V to 3.9V Open-Loop Gain DC Open-Loop Gain (Large-signal) AOL 105 121 — dB RL = 25 kΩ to VL, VOUT = 50 mV to VDD –50 mV DC Open-Loop Gain (Large-signal) AOL 100 118 — dB RL = 5 kΩ to VL, VOUT = 0.1V to VDD –0.1V Output Maximum Output Voltage Swing VOL, VOH VSS +15 — VDD –20 mV RL = 25 kΩ to VL, 0.5V input overdrive VOL, VOH VSS +45 — VDD –60 mV RL = 5 kΩ to VL, 0.5V input overdrive Linear Output Voltage Range VOUT VSS +50 — VDD –50 mV RL = 25 kΩ to VL, AOL ≥ 105 dB VOUT VSS +100 — VDD – 100 mV RL = 5 kΩ to VL, AOL ≥ 100 dB Output Short Circuit Current ISC —7 — mA VDD = 2.5V ISC —17 — mA VDD = 5.5V Power Supply Supply Voltage VDD 2.5 — 6.0 V Quiescent Current per Amplifier IQ — 18.7 25 µA IO = 0 Note 1: All parts with date codes November 2007 and later have been screened to ensure operation at VDD = 6.0V. However, the other minimum and maximum specifications are measured at 2.5V and 5.5V. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |