Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO91PDB2V1 Datasheet(PDF) 233 Page - Microsemi Corporation

Part # IO91PDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO91PDB2V1 Datasheet(HTML) 233 Page - Microsemi Corporation

Back Button IO91PDB2V1 Datasheet HTML 229Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 230Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 231Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 232Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 233Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 234Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 235Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 236Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 237Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 242 page
background image
Revision 13
5-1
5 – Datasheet Information
List of Changes
The following table lists critical changes that were made in each version of the ProASIC3L datasheet.
Revision
Changes
Page
Revision 13
(January 2013)
The "ProASIC3L Ordering Information" section has been updated to mention "Y" as
"Blank" mentioning "Device Does Not Include License to Implement IP Based on the
Cryptography Research, Inc. (CRI) Patent Portfolio" (SAR 43221).
1-III
Added following notes to Table 2-2 • Recommended Operating Conditions 1:
"All ProASIC3L devices must be programmed with the VCC core voltage at 1.5 V" (SAR
39910) and "The programming temperature range supported is Tambient = 0°C to 85°C"
(SAR 43645).
2-2
The note in Table 2-212 • ProASIC3L CCC/PLL Specification and Table 2-213 •
ProASIC3L CCC/PLL Specification referring the reader to SmartGen was revised to
refer instead to the online help associated with the core (SAR 42572).
2-132,
2-133
Signal names have been made consistent (SAR 38910).
NA
Libero Integrated Design Environment (IDE) was changed to Libero System-on-Chip
(SoC) throughout the document (SAR 40286).
Live at Power-Up (LAPU) has been replaced with ’Instant On’.
NA
Revision 12
(September 2012)
The "Security" section was modified to clarify that Microsemi does not support read-
back of programmed data.
1-2
Revision 11
(August 2012)
Added a Note stating "VMV pins must be connected to the corresponding VCCI pins. See
the "VMVx I/O Supply Voltage (quiet)" section on page 3-1 for further information."
to
Table 2-1 • Absolute Maximum Ratings and Table 2-2 • Recommended Operating
Conditions 1 (SAR 38316).
2-1
2-2
The "Quiescent Supply Current" section was updated. Table 2-7 • Power Supply State
per Mode is new, and Table 2-9 • Quiescent Supply Current (IDD) Characteristics,
ProASIC3L Sleep Mode* and Table 2-11 • Quiescent Supply Current (IDD)
Characteristics, No Flash*Freeze Mode1 were updated for Core Voltage 1.2 V. Notes
were also updated for Table 2-9, Table 2-10, and Table 2-11 (SAR 34746).
2-7
2-8
The drive strength, IOL, and IOH value for 3.3 V GTL and 2.5 V GTL was changed from
25 mA to 20 mA in the following tables (SAR 37364):
Table 2-23 • Summary of Maximum and Minimum DC Input and Output Levels
Applicable to Commercial and Industrial Conditions—Software Default Settings
Table 2-29 • Summary of I/O Timing Characteristics—Software Default Settings
Table 2-32 • Summary of I/O Timing Characteristics—Software Default Settings
Table 2-36 • I/O Output Buffer Maximum Resistances1
Table 2-40 • I/O Short Currents IOSH/IOSL
Table 2-134 • Minimum and Maximum DC Input and Output Levels
Table 2-138 • Minimum and Maximum DC Input and Output Levels
Also added note stating "Output drive strength is below JEDEC specification." for Tables
Table 2-29, Table 2-32, Table 2-36, and Table 2-40.
Additionally, the IOL and IOH values for 3.3 V GTL+ and 2.5 V GTL+ were corrected
from 51 to 35 (for 3.3 V GTL+) and from 40 to 33 (for 2.5 V GTL+) in table Table 2-23
(SAR 39715).
2-22
2-27
2-30
2-34
2-38
2-83
2-85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com