Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO91PDB2V1 Datasheet(PDF) 237 Page - Microsemi Corporation

Part # IO91PDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO91PDB2V1 Datasheet(HTML) 237 Page - Microsemi Corporation

Back Button IO91PDB2V1 Datasheet HTML 233Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 234Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 235Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 236Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 237Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 238Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 239Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 240Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 241Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
5-5
Revision
Changes
Page
Revision 9 (Feb 2009)
Product Brief v1.3
The "I/Os Per Package 1" table was revised to change the number of differential
I/O pairs for A3PE3000L from 300 to 310.
II
Table 2 • ProASIC3L FPGAs Package Sizes Dimensions is new.
II
Revision 8 (Feb 2009)
Product Brief v1.2
The "Advanced and Pro (Professional) I/Os" section was revised to add two
bullets regarding wide range power supply voltage support.
I
3.0 V wide range was added to the list of supported voltages in the "I/Os with
Advanced I/O Standards" section. The "Wide Range I/O Support" section is new.
1-7
Revision 7 (Aug 2008)
DC
and
Switching
Characteristics
Advance v0.6
3.0 V LVCMOS wide range support data was added to Table 2-2 • Recommended
Operating Conditions 1.
2-2
3.3 V LVCMOS wide range support data was added to Table 2-23 • Summary of
Maximum and Minimum DC Input and Output Levels Applicable to Commercial
and Industrial Conditions—Software Default Settings to Table 2-25 • Summary of
Maximum and Minimum DC Input and Output Levels Applicable to Commercial
and Industrial Conditions—Software Default Settings.
2-22 to
2-24
3.3 V LVCMOS wide range support data was added to Table 2-27 • Summary of
AC Measuring Points.
2-26
3.3 V LVCMOS wide range support text was added to the "3.3 V LVTTL / 3.3 V
LVCMOS" section.
2-42
Table 2-62 • Minimum and Maximum DC Input and Output Levels for LVCMOS
3.3 V Wide Range is new.
2-50
Revision 6 (Aug 2008)
DC and Switching
Characteristics
Advance v0.5
Table 2-6 • Temperature and Voltage Derating Factors for Timing Delays was
updated to add several new rows of values.
2-7
Table 2-8 • Quiescent Supply Current (IDD) Characteristics, ProASIC3L
Flash*Freeze Mode* through Table 2-11 • Quiescent Supply Current (IDD)
Characteristics, No Flash*Freeze Mode1 were updated to add 1.5 V core voltage.
2-7 to 2-8
Table 2-19 • Different Components Contributing to Dynamic Power Consumption
in ProASIC3L Devices at 1.5 V VCC is new.
2-14
Table 2-20 • Different Components Contributing to the Static Power Consumption
in ProASIC3L Devices was updated to add the static PLL contribution at 1.5 V
core operation.
2-14
Timing tables were updated to include tables for 1.5 V core voltage.
N/A
Table 2-212 • ProASIC3L CCC/PLL Specification was updated for core voltage
1.2 V and Table 2-213 • ProASIC3L CCC/PLL Specification for 1.5 V is new.
2-132,
2-133
Revision 5 (Jul 2008)
Product Brief v1.1
DC and Switching
Characteristics
Advance v0.4
As a result of the Libero IDE v8.4 release, Actel now offers a wide range of core
voltage support. The document was updated to change 1.2 V / 1.5 V to 1.2 V to
1.5 V.
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com