Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO91PDB2V1 Datasheet(PDF) 238 Page - Microsemi Corporation

Part # IO91PDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO91PDB2V1 Datasheet(HTML) 238 Page - Microsemi Corporation

Back Button IO91PDB2V1 Datasheet HTML 234Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 235Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 236Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 237Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 238Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 239Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 240Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 241Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 242Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 238 / 242 page
background image
Datasheet Information
5-6
Revision 13
Revision 4 (June 2008)
DC and Switching
Characteristics
Advance v0.3
Tables have been updated to include the LVCMOS 1.2 V I/O set.
DDR Tables have two additional data points added to reflect both edges for Input
DDR setup and hold time.
Power data table has been updated to match SmartPower data rather then
simulation values.
N/A
Table 2-1 • Absolute Maximum Ratings was updated to add VMV to the VCCI
parameter row and to remove the word "output" from the parameter description
for VCCI. Table note 3 was added.
2-1
Table 2-2 • Recommended Operating Conditions 1 was updated to add table note
references and rearrange the order of notes. VMV was added to the VCCI
parameter row. A new row was added for VCC, 1.5 V DC core supply voltage.
The table note stating that 1.5 V data will be released at a later date is new. The
table note on VMV pins is new.
2-2
Table 2-4 • Overshoot and Undershoot Limits 1. The title was revised to remove
"as measured on quiet I/Os." Table note 2 was revised to remove "estimated SSO
density over cycles." Table note 3 was revised to remove "refers only to
overshoot/undershoot limits for simultaneous switching I/Os.
"
2-3
EQ 2 was updated. The temperature was changed to 100°C, and therefore the
end result changed.
2-6
The table notes for Table 2-8 • Quiescent Supply Current (IDD) Characteristics,
ProASIC3L Flash*Freeze Mode* and Table 2-9 • Quiescent Supply Current (IDD)
Characteristics, ProASIC3L Sleep Mode* were updated to remove VMV and
include PDC6 and PDC7. The table note for Table 2-8 • Quiescent Supply Current
(IDD) Characteristics, ProASIC3L Flash*Freeze Mode* was updated to include
VJTAG.
2-7
Table 2-10 • Quiescent Supply Current (IDD) Characteristics, Shutdown Mode is
new.
2-8
Note 2 of Table 2-11 • Quiescent Supply Current (IDD) Characteristics, No
Flash*Freeze Mode1 was updated to include VCCPLL. Note 4 was updated to
include PDC6 and PDC7.
2-8
Table 2-12 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software
Settings through Table 2-17 • Summary of I/O Output Buffer Power (per pin) –
Default I/O Software Settings 1were updated to change PDC2 to PDC6 and
PDC3 to PDC7. The table notes were updated to reflect that power was
measured on VCCI. The subtitle of the table was changed from "Applicable to
Advanced I/O Banks" to "Applicable to Pro I/O Banks."
2-9
through
2-12
The word "input" in the titles of Table 2-15 • Summary of I/O Output Buffer Power
(per pin) – Default I/O Software Settings 1 and Table 2-16 • Summary of I/O
Output Buffer Power (per pin) – Default I/O Software Settings 1, was changed to
"output."
2-11, 2-12
The value of CLOAD for single-ended 3.3 V PCI was changed to 10 from 5 in
Table 2-15 • Summary of I/O Output Buffer Power (per pin) – Default I/O Software
Settings 1 through Table 2-17 • Summary of I/O Output Buffer Power (per pin) –
Default I/O Software Settings 1.
2-11
through
2-12
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com