| Electronic Components Datasheet Search |
|
EP2S30 Datasheet(PDF) 91 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP2S30 Datasheet(HTML) 91 Page - Altera Corporation |
|
91 / 238 page ![]() Altera Corporation 2–83 May 2007 Stratix II Device Handbook, Volume 1 Stratix II Architecture Figure 2–56. DQS Phase-Shift Circuitry Notes (1), (2), (3), (4) Notes to Figure 2–56: (1) There are up to 18 pairs of DQS and DQSn pins available on the top or the bottom of the Stratix II device. There are up to 10 pairs on the right side and 8 pairs on the left side of the DQS phase-shift circuitry. (2) The Δt module represents the DQS logic block. (3) Clock pins CLK[15..12]p feed the phase-shift circuitry on the top of the device and clock pins CLK[7..4]p feed the phase circuitry on the bottom of the device. You can also use a PLL clock output as a reference clock to the phase- shift circuitry. (4) You can only use PLL 5 to feed the DQS phase-shift circuitry on the top of the device and PLL 6 to feed the DQS phase-shift circuitry on the bottom of the device. These dedicated circuits combined with enhanced PLL clocking and phase-shift ability provide a complete hardware solution for interfacing to high-speed memory. f For more information on external memory interfaces, refer to the External Memory Interfaces in Stratix II & Stratix II GX Devices chapter in volume 2 of the Stratix II Device Handbook or the Stratix II GX Device Handbook. Programmable Drive Strength The output buffer for each Stratix II device I/O pin has a programmable drive strength control for certain I/O standards. The LVTTL, LVCMOS, SSTL, and HSTL standards have several levels of drive strength that the user can control. The default setting used in the Quartus II software is the maximum current strength setting that is used to achieve maximum I/O performance. For all I/O standards, the minimum setting is the lowest drive strength that guarantees the IOH/IOL of the standard. Using minimum settings provides signal slew rate control to reduce system noise and signal overshoot. DQS Pin DQSn Pin DQSn Pin DQS Pin DQS Pin DQSn Pin DQS Pin DQSn Pin From PLL 5 (3) CLK[15..12]p (2) to IOE to IOE to IOE to IOE to IOE to IOE to IOE Δt Δt Δt Δt Δt Δt Δt to IOE DQS Phase-Shift Circuitry Δt DQS Logic Blocks |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |