Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2S30 Datasheet(PDF) 13 Page - Altera Corporation

Part # EP2S30
Description  Section I. Stratix II Device Family Data Sheet
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S30 Datasheet(HTML) 13 Page - Altera Corporation

Back Button EP2S30 Datasheet HTML 9Page - Altera Corporation EP2S30 Datasheet HTML 10Page - Altera Corporation EP2S30 Datasheet HTML 11Page - Altera Corporation EP2S30 Datasheet HTML 12Page - Altera Corporation EP2S30 Datasheet HTML 13Page - Altera Corporation EP2S30 Datasheet HTML 14Page - Altera Corporation EP2S30 Datasheet HTML 15Page - Altera Corporation EP2S30 Datasheet HTML 16Page - Altera Corporation EP2S30 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 238 page
background image
Altera Corporation
2–5
May 2007
Stratix II Device Handbook, Volume 1
Stratix II Architecture
Figure 2–3. Direct Link Connection
LAB Control Signals
Each LAB contains dedicated logic for driving control signals to its ALMs.
The control signals include three clocks, three clock enables, two
asynchronous clears, synchronous clear, asynchronous preset/load, and
synchronous load control signals. This gives a maximum of 11 control
signals at a time. Although synchronous load and clear signals are
generally used when implementing counters, they can also be used with
other functions.
Each LAB can use three clocks and three clock enable signals. However,
there can only be up to two unique clocks per LAB, as shown in the LAB
control signal generation circuit in Figure 2–4. Each LAB's clock and clock
enable signals are linked. For example, any ALM in a particular LAB
using the labclk1 signal also uses labclkena1. If the LAB uses both
the rising and falling edges of a clock, it also uses two LAB-wide clock
signals. De-asserting the clock enable signal turns off the corresponding
LAB-wide clock.
Each LAB can use two asynchronous clear signals and an asynchronous
load/preset signal. By default, the Quartus II software uses a NOT gate
push-back technique to achieve preset. If you disable the NOT gate
push-up option or assign a given register to power up high using the
Quartus II software, the preset is achieved using the asynchronous load
ALMs
Direct link
interconnect
to right
Direct link interconnect from
right LAB, TriMatrix memory
block, DSP block, or IOE output
Direct link interconnect from
left LAB, TriMatrix memory
block, DSP block, or IOE output
Local
Interconnect
Direct link
interconnect
to left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com