Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE75 Datasheet(PDF) 32 Page - Altera Corporation

Part # EP4CE75
Description  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE75 Datasheet(HTML) 32 Page - Altera Corporation

Back Button EP4CE75 Datasheet HTML 28Page - Altera Corporation EP4CE75 Datasheet HTML 29Page - Altera Corporation EP4CE75 Datasheet HTML 30Page - Altera Corporation EP4CE75 Datasheet HTML 31Page - Altera Corporation EP4CE75 Datasheet HTML 32Page - Altera Corporation EP4CE75 Datasheet HTML 33Page - Altera Corporation EP4CE75 Datasheet HTML 34Page - Altera Corporation EP4CE75 Datasheet HTML 35Page - Altera Corporation EP4CE75 Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
1–32
Chapter 1: Cyclone IV Device Datasheet
Switching Characteristics
Cyclone IV Device Handbook,
December 2013
Altera Corporation
Volume 3
External Memory Interface Specifications
The external memory interfaces for Cyclone IV devices are auto-calibrating and easy
to implement.
tDUTY
—
455545554555455545
55
%
TCCS
—
—
200
—
200
—
200
—
200
—
200
ps
Output jitter
(peak to peak)
—
—
500
—
500
—
550
—
600
—
700
ps
tLOCK (2)
—
—
1—
1—
1—
1—
1
ms
Notes to Table 1–35:
(1) Cyclone IV E—emulated LVDS transmitter is supported at the output pin of all I/O Banks.
Cyclone IV GX—emulated LVDS transmitter is supported at the output pin of I/O Banks 3, 4, 5, 6, 7, 8, and 9.
(2) tLOCK is the time required for the PLL to lock from the end-of-device configuration.
(3) Cyclone IV E 1.0 V core voltage devices only support C8L, C9L, and I8L speed grades. Cyclone IV E 1.2 V core voltage devices only support
C6, C7, C8, I7, and A7 speed grades. Cyclone IV GX devices only support C6, C7, C8, and I7 speed grades.
Table 1–35. Emulated LVDS Transmitter Timing Specifications for Cyclone IV Devices (1), (3) (Part 2 of 2)
Symbol
Modes
C6
C7, I7
C8, A7
C8L, I8L
C9L
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Table 1–36. LVDS Receiver Timing Specifications for Cyclone IV Devices (1), (3)
Symbol
Modes
C6
C7, I7
C8, A7
C8L, I8L
C9L
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
fHSCLK (input
clock
frequency)
×10
10
437.5
10
370
10
320
10
320
10
250
MHz
×8
10
437.5
10
370
10
320
10
320
10
250
MHz
×7
10
437.5
10
370
10
320
10
320
10
250
MHz
×4
10
437.5
10
370
10
320
10
320
10
250
MHz
×2
10
437.5
10
370
10
320
10
320
10
250
MHz
×1
10
437.5
10
402.5
10
402.5
10
362
10
265
MHz
HSIODR
×10
100
875
100
740
100
640
100
640
100
500
Mbps
×8
80
875
80
740
80
640
80
640
80
500
Mbps
×7
70
875
70
740
70
640
70
640
70
500
Mbps
×4
40
875
40
740
40
640
40
640
40
500
Mbps
×2
20
875
20
740
20
640
20
640
20
500
Mbps
×1
10
437.5
10
402.5
10
402.5
10
362
10
265
Mbps
SW
—
—
400
—
400
—
400
—
550
—
640
ps
Input jitter
tolerance
—
—
500
—
500
—
550
—
600
—
700
ps
tLOCK (2)
—
—1—1—1—1—
1
ms
Notes to Table 1–36:
(1) Cyclone IV E—LVDS receiver is supported at all I/O Banks.
Cyclone IV GX—LVDS receiver is supported at I/O Banks 3, 4, 5, 6, 7, 8, and 9.
(2) tLOCK is the time required for the PLL to lock from the end-of-device configuration.
(3) Cyclone IV E 1.0 V core voltage devices only support C8L, C9L, and I8L speed grades. Cyclone IV E 1.2 V core voltage devices only support
C6, C7, C8, I7, and A7 speed grades. Cyclone IV GX devices only support C6, C7, C8, and I7 speed grades.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com