Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE75 Datasheet(PDF) 33 Page - Altera Corporation

Part # EP4CE75
Description  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE75 Datasheet(HTML) 33 Page - Altera Corporation

Back Button EP4CE75 Datasheet HTML 29Page - Altera Corporation EP4CE75 Datasheet HTML 30Page - Altera Corporation EP4CE75 Datasheet HTML 31Page - Altera Corporation EP4CE75 Datasheet HTML 32Page - Altera Corporation EP4CE75 Datasheet HTML 33Page - Altera Corporation EP4CE75 Datasheet HTML 34Page - Altera Corporation EP4CE75 Datasheet HTML 35Page - Altera Corporation EP4CE75 Datasheet HTML 36Page - Altera Corporation EP4CE75 Datasheet HTML 37Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–33
Switching Characteristics
December 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
f For more information about the supported maximum clock rate, device and pin
planning, IP implementation, and device termination, refer to Section III: System
Performance Specifications of the External Memory Interface Handbook.
Table 1–37 lists the memory output clock jitter specifications for Cyclone IV devices.
Duty Cycle Distortion Specifications
Table 1–38 lists the worst case duty cycle distortion for Cyclone IV devices.
OCT Calibration Timing Specification
Table 1–39 lists the duration of calibration for series OCT with calibration at device
power-up for Cyclone IV devices.
Table 1–37. Memory Output Clock Jitter Specifications for Cyclone IV Devices (1), (2)
Parameter
Symbol
Min
Max
Unit
Clock period jitter
tJIT(per)
–125
125
ps
Cycle-to-cycle period jitter
tJIT(cc)
–200
200
ps
Duty cycle jitter
tJIT(duty)
–150
150
ps
Notes to Table 1–37:
(1) Memory output clock jitter measurements are for 200 consecutive clock cycles, as specified in the JEDEC DDR2
standard.
(2) The clock jitter specification applies to memory output clock pins generated using DDIO circuits clocked by a PLL
output routed on a global clock (GCLK) network.
Table 1–38. Duty Cycle Distortion on Cyclone IV Devices I/O Pins (1), (2), (3)
Symbol
C6
C7, I7
C8, I8L, A7
C9L
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Output Duty Cycle
4555
4555
4555
4555
%
Notes to Table 1–38:
(1) The duty cycle distortion specification applies to clock outputs from the PLLs, global clock tree, and IOE driving the dedicated and general
purpose I/O pins.
(2) Cyclone IV devices meet the specified duty cycle distortion at the maximum output toggle rate for each combination of I/O standard and current
strength.
(3) Cyclone IV E 1.0 V core voltage devices only support C8L, C9L, and I8L speed grades. Cyclone IV E 1.2 V core voltage devices only support
C6, C7, C8, I7, and A7 speed grades. Cyclone IV GX devices only support C6, C7, C8, and I7 speed grades.
Table 1–39. Timing Specification for Series OCT with Calibration at Device Power-Up for
Cyclone IV Devices (1)
Symbol
Description
Maximum
Units
tOCTCAL
Duration of series OCT with
calibration at device power-up
20
µs
Note to Table 1–39:
(1) OCT calibration takes place after device configuration and before entering user mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com