Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84A Datasheet(PDF) 335 Page - Microchip Technology

Part # PIC16F84A
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A Datasheet(HTML) 335 Page - Microchip Technology

Back Button PIC16F84A Datasheet HTML 329Page - Microchip Technology PIC16F84A Datasheet HTML 330Page - Microchip Technology PIC16F84A Datasheet HTML 331Page - Microchip Technology PIC16F84A Datasheet HTML 332Page - Microchip Technology PIC16F84A Datasheet HTML 333Page - Microchip Technology PIC16F84A Datasheet HTML 334Page - Microchip Technology PIC16F84A Datasheet HTML 335Page - Microchip Technology PIC16F84A Datasheet HTML 336Page - Microchip Technology PIC16F84A Datasheet HTML 337Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 335 / 337 page
background image
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales offices.
* JW Devices are UV erasable and can be programmed to any device configuration. JW Devices meet the electrical requirement of
each oscillator type (including LC devices).
Sales and Support
Products supported by a preliminary Data Sheet may possibly have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1. The Microchip Website at www.microchip.com
2. Your local Microchip sales office (see following page)
3. The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277
4. The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
For latest version information and upgrade kits for Microchip Development Tools, please call 1-800-755-2345 or 1-602-786-7302.
Pattern:
3-Digit Pattern Code for QTP (blank otherwise)
Package:
L
=
PLCC
SP
=
Skinny DIP
P
=
PDIP
SO
=
SOIC (Gull Wing, 300 mil body)
PQ
=
MQFP (Metric PQFP)
TQ
=
TQFP
JW*
=
Windowed CERDIP
SS
=
Shrink SOIC (Gull Wing, 300 mil body)
Temperature
-
=
0˚C to +70˚C (T for tape/reel)
Range:
I
=
– 40˚C to +85˚C (S for tape/reel)
E
=
– 40˚C to +125˚C
Frequency
04
=
200 kHz (PIC16C6X-04)
Range:
04
=
4 MHz
10
=
10 MHz
20
=
20 MHz
Device:
PIC16C6X
:VDD range 4.0V to 6.0V
PIC16C6XT :VDD range 4.0V to 6.0V (Tape and Reel)
PIC16LC6X :VDD range 2.5V to 6.0V
PIC16LC6XT :VDD range 2.5V to 6.0V (Tape and Reel)
PIC16CR6X :VDD range 4.0V to 6.0V
PIC16CR6XT :VDD range 4.0V to 6.0V (Tape and Reel)
PIC16LCR6X :VDD range 2.5V to 6.0V
PIC16LCR6XT:VDD range 2.5V to 6.0V
PART NO.
-XX
X /XX XXX
Examples:
a)PIC16C62A - 04/P 301 = Commercial temp., PDIP package, 4 MHz, normal VDD limits, QTP pattern #301
b)PIC16LC65A - 04I/PQ = Industrial temp., MQFP package, 4 MHz, extended VDD limits
c)PIC16C67 - 10E/P
= Extended temp., PDIP package, 10 MHz, normal VDD limits
PIC16C6X
© 1997 Microchip Technology Inc.
DS30234D-page 335
PIC16C6X Product Identification System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com