Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84A Datasheet(PDF) 329 Page - Microchip Technology

Part # PIC16F84A
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A Datasheet(HTML) 329 Page - Microchip Technology

Back Button PIC16F84A Datasheet HTML 325Page - Microchip Technology PIC16F84A Datasheet HTML 326Page - Microchip Technology PIC16F84A Datasheet HTML 327Page - Microchip Technology PIC16F84A Datasheet HTML 328Page - Microchip Technology PIC16F84A Datasheet HTML 329Page - Microchip Technology PIC16F84A Datasheet HTML 330Page - Microchip Technology PIC16F84A Datasheet HTML 331Page - Microchip Technology PIC16F84A Datasheet HTML 332Page - Microchip Technology PIC16F84A Datasheet HTML 333Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 337 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 329
PIC16C6X
Figure 23-12: SPI Slave Mode Timing (CKE = 1) ........... 276
Figure 23-13: I2C Bus Start/Stop Bits Timing.................. 278
Figure 23-14: I2C Bus Data Timing ................................. 279
Figure 23-15: USART Synchronous Transmission
(Master/Slave) Timing............................... 280
Figure 23-16: USART Synchronous Receive
(Master/Slave) Timing............................... 280
Figure 24-1:
Typical IPD vs. VDD
(WDT Disabled, RC Mode) ....................... 281
Figure 24-2:
Maximum IPD vs. VDD
(WDT Disabled, RC Mode) ....................... 281
Figure 24-3:
Typical IPD vs. VDD @ 25
°C
(WDT Enabled, RC Mode)........................ 282
Figure 24-4:
Maximum IPD vs. VDD
(WDT Enabled, RC Mode)........................ 282
Figure 24-5:
Typical RC Oscillator
Frequency vs. VDD.................................... 282
Figure 24-6:
Typical RC Oscillator
Frequency vs. VDD.................................... 282
Figure 24-7:
Typical RC Oscillator
Frequency vs. VDD.................................... 282
Figure 24-8:
Typical IPD vs. VDD Brown-out
Detect Enabled (RC Mode)....................... 283
Figure 24-9:
Maximum IPD vs. VDD Brown-out
Detect Enabled
(85
°C to -40°C, RC Mode)........................ 283
Figure 24-10: Typical IPD vs. Timer1 Enabled
(32 kHz, RC0/RC1 = 33 pF/33 pF,
RC Mode) ................................................ 283
Figure 24-11: Maximum IPD vs. Timer1 Enabled
(32 kHz, RC0/RC1 = 33 pF/33 pF,
85
°C to -40°C, RC Mode) ......................... 283
Figure 24-12: Typical IDD vs. Frequency
(RC Mode @ 22 pF, 25
°C) ....................... 284
Figure 24-13: Maximum IDD vs. Frequency
(RC Mode @ 22 pF, -40
°C to 85°C) ......... 284
Figure 24-14: Typical IDD vs. Frequency
(RC Mode @ 100 pF, 25
°C) ..................... 285
Figure 24-15: Maximum IDD vs. Frequency
(RC Mode @ 100 pF, -40
°C to 85°C) ....... 285
Figure 24-16: Typical IDD vs. Frequency
(RC Mode @ 300 pF, 25
°C) ..................... 286
Figure 24-17: Maximum IDD vs. Frequency
(RC Mode @ 300 pF, -40
°C to 85°C) ....... 286
Figure 24-18: Typical IDD vs. Capacitance @ 500 kHz
(RC Mode) ................................................ 287
Figure 24-19: Transconductance(gm) of HS
Oscillator vs. VDD...................................... 287
Figure 24-20: Transconductance(gm) of LP
Oscillator vs. VDD...................................... 287
Figure 24-21: Transconductance(gm) of XT
Oscillator vs. VDD...................................... 287
Figure 24-22: Typical XTAL Startup Time vs. VDD
(LP Mode, 25
°C)....................................... 288
Figure 24-23: Typical XTAL Startup Time vs. VDD
(HS Mode, 25
°C) ...................................... 288
Figure 24-24: Typical XTAL Startup Time vs. VDD
(XT Mode, 25
°C)....................................... 288
Figure 24-25: Typical Idd vs. Frequency
(LP Mode, 25
°C)....................................... 289
Figure 24-26: Maximum IDD vs. Frequency
(LP Mode, 85
°C to -40°C)......................... 289
Figure 24-27: Typical IDD vs. Frequency
(XT Mode, 25
°C)....................................... 289
Figure 24-28: Maximum IDD vs. Frequency
(XT Mode, -40
°C to 85°C) ........................ 289
Figure 24-29: Typical IDD vs. Frequency
(HS Mode, 25
°C).......................................290
Figure 24-30: Maximum IDD vs. Frequency
(HS Mode, -40
°C to 85°C).........................290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com