Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84A Datasheet(PDF) 328 Page - Microchip Technology

Part # PIC16F84A
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A Datasheet(HTML) 328 Page - Microchip Technology

Back Button PIC16F84A Datasheet HTML 324Page - Microchip Technology PIC16F84A Datasheet HTML 325Page - Microchip Technology PIC16F84A Datasheet HTML 326Page - Microchip Technology PIC16F84A Datasheet HTML 327Page - Microchip Technology PIC16F84A Datasheet HTML 328Page - Microchip Technology PIC16F84A Datasheet HTML 329Page - Microchip Technology PIC16F84A Datasheet HTML 330Page - Microchip Technology PIC16F84A Datasheet HTML 331Page - Microchip Technology PIC16F84A Datasheet HTML 332Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 337 page
background image
PIC16C6X
DS30234D-page 328
© 1997 Microchip Technology Inc.
Figure 17-10: VIH, VIL of MCLR, T0CKI and OSC1
(in RC Mode) vs. VDD ............................... 177
Figure 17-11: VTH (Input Threshold Voltage) of
OSC1 Input (in XT, HS,
and LP Modes) vs. VDD ............................ 177
Figure 17-12: Typical IDD vs. Frequency
(External Clock, 25
°C) .............................. 178
Figure 17-13: Maximum IDD vs. Frequency
(External Clock, -40
° to +85°C) ................ 178
Figure 17-14: Maximum IDD vs. Frequency
(External Clock, -55
° to +125°C) .............. 179
Figure 17-15: WDT Timer Time-out Period vs. VDD........ 179
Figure 17-16: Transconductance (gm) of HS
Oscillator vs. VDD...................................... 179
Figure 17-17: Transconductance (gm) of LP
Oscillator vs. VDD...................................... 180
Figure 17-18: Transconductance (gm) of XT
Oscillator vs. VDD...................................... 180
Figure 17-19: IOH vs. VOH, VDD = 3V .............................. 180
Figure 17-20: IOH vs. VOH, VDD = 5V .............................. 180
Figure 17-21: IOL vs. VOL, VDD = 3V ............................... 181
Figure 17-22: IOL vs. VOL, VDD = 5V ............................... 181
Figure 18-1:
Load Conditions for Device
Timing Specifications ................................ 188
Figure 18-2:
External Clock Timing ............................... 189
Figure 18-3:
CLKOUT and I/O Timing........................... 190
Figure 18-4:
Reset, Watchdog Timer,
Oscillator Start-up Timer and
Power-up Timer Timing ............................ 191
Figure 18-5:
Timer0 and Timer1 External
Clock Timings ........................................... 192
Figure 18-6:
Capture/Compare/PWM Timings
(CCP1) ...................................................... 193
Figure 18-7:
Parallel Slave Port Timing
(PIC16C64) ............................................... 194
Figure 18-8:
SPI Mode Timing ...................................... 195
Figure 18-9:
I2C Bus Start/Stop Bits Timing.................. 196
Figure 18-10: I2C Bus Data Timing ................................. 197
Figure 19-1:
Load Conditions for Device
Timing Specifications ................................ 204
Figure 19-2:
External Clock Timing ............................... 205
Figure 19-3:
CLKOUT and I/O Timing........................... 206
Figure 19-4:
Reset, Watchdog Timer,
Oscillator Start-up Timer and
Power-up Timer Timing ............................ 207
Figure 19-5:
Brown-out Reset Timing ........................... 207
Figure 19-6:
Timer0 and Timer1 External
Clock Timings ........................................... 208
Figure 19-7:
Capture/Compare/PWM Timings
(CCP1) ...................................................... 209
Figure 19-8:
Parallel Slave Port Timing
(PIC16C64A/R64) ..................................... 210
Figure 19-9:
SPI Mode Timing ...................................... 211
Figure 19-10: I2C Bus Start/Stop Bits Timing.................. 212
Figure 19-11: I2C Bus Data Timing ................................. 213
Figure 20-1:
Load Conditions for Device Timing
Specifications............................................ 220
Figure 20-2:
External Clock Timing ............................... 221
Figure 20-3:
CLKOUT and I/O Timing........................... 222
Figure 20-4:
Reset, Watchdog Timer, Oscillator
Start-up Timer and Power-up Timer
Timing ....................................................... 223
Figure 20-5:
Timer0 and Timer1 External Clock
Timings ..................................................... 224
Figure 20-6:
Capture/Compare/PWM Timings
(CCP1 and CCP2) .................................... 225
Figure 20-7:
Parallel Slave Port Timing ........................ 226
Figure 20-8:
SPI Mode Timing ...................................... 227
Figure 20-9:
I2C Bus Start/Stop Bits Timing ................. 228
Figure 20-10: I2C Bus Data Timing................................. 229
Figure 20-11: USART Synchronous Transmission
(Master/Slave) Timing .............................. 230
Figure 20-12: USART Synchronous Receive
(Master/Slave) Timing .............................. 230
Figure 21-1:
Load Conditions for Device Timing
Specifications ........................................... 236
Figure 21-2:
External Clock Timing .............................. 237
Figure 21-3:
CLKOUT and I/O Timing .......................... 238
Figure 21-4:
Reset, Watchdog Timer, Oscillator
Start-up Timer and Power-up Timer
Timing....................................................... 239
Figure 21-5:
Brown-out Reset Timing ........................... 239
Figure 21-6:
Timer0 and Timer1 External Clock
Timings ..................................................... 240
Figure 21-7:
Capture/Compare/PWM Timings
(CCP1 and CCP2) ................................... 241
Figure 21-8:
Parallel Slave Port Timing
(PIC16C65A) ............................................ 242
Figure 21-9:
SPI Mode Timing ...................................... 243
Figure 21-10: I2C Bus Start/Stop Bits Timing ................. 244
Figure 21-11: I2C Bus Data Timing................................. 245
Figure 21-12: USART Synchronous Transmission
(Master/Slave) Timing .............................. 246
Figure 21-13: USART Synchronous Receive
(Master/Slave) Timing .............................. 246
Figure 22-1:
Load Conditions for Device Timing
Specifications ........................................... 252
Figure 22-2:
External Clock Timing .............................. 253
Figure 22-3:
CLKOUT and I/O Timing .......................... 254
Figure 22-4:
Reset, Watchdog Timer, Oscillator
Start-up Timer and Power-up Timer
Timing....................................................... 255
Figure 22-5:
Brown-out Reset Timing ........................... 255
Figure 22-6:
Timer0 and Timer1 External Clock
Timings ..................................................... 256
Figure 22-7:
Capture/Compare/PWM Timings
(CCP1 and CCP2) .................................... 257
Figure 22-8:
Parallel Slave Port Timing
(PIC16CR65) ............................................ 258
Figure 22-9:
SPI Mode Timing ...................................... 259
Figure 22-10: I2C Bus Start/Stop Bits Timing ................. 260
Figure 22-11: I2C Bus Data Timing................................. 261
Figure 22-12: USART Synchronous Transmission
(Master/Slave) Timing .............................. 262
Figure 22-13: USART Synchronous Receive
(Master/Slave) Timing .............................. 262
Figure 23-1:
Load Conditions for Device Timing
Specifications ........................................... 268
Figure 23-2:
External Clock Timing .............................. 269
Figure 23-3:
CLKOUT and I/O Timing .......................... 270
Figure 23-4:
Reset, Watchdog Timer, Oscillator
Start-up Timer and Power-up Timer
Timing....................................................... 271
Figure 23-5:
Brown-out Reset Timing ........................... 271
Figure 23-6:
Timer0 and Timer1 External Clock
Timings ..................................................... 272
Figure 23-7:
Capture/Compare/PWM Timings
(CCP1 and CCP2) .................................... 273
Figure 23-8:
Parallel Slave Port Timing (PIC16C67) .... 274
Figure 23-9:
SPI Master Mode Timing (CKE = 0) ......... 275
Figure 23-10: SPI Master Mode Timing (CKE = 1) ......... 275
Figure 23-11: SPI Slave Mode Timing (CKE = 0) ........... 276



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com