Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84A Datasheet(PDF) 326 Page - Microchip Technology

Part # PIC16F84A
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A Datasheet(HTML) 326 Page - Microchip Technology

Back Button PIC16F84A Datasheet HTML 322Page - Microchip Technology PIC16F84A Datasheet HTML 323Page - Microchip Technology PIC16F84A Datasheet HTML 324Page - Microchip Technology PIC16F84A Datasheet HTML 325Page - Microchip Technology PIC16F84A Datasheet HTML 326Page - Microchip Technology PIC16F84A Datasheet HTML 327Page - Microchip Technology PIC16F84A Datasheet HTML 328Page - Microchip Technology PIC16F84A Datasheet HTML 329Page - Microchip Technology PIC16F84A Datasheet HTML 330Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 337 page
background image
PIC16C6X
DS30234D-page 326
© 1997 Microchip Technology Inc.
LIST OF EQUATION AND EXAMPLES
Example 3-1: Instruction Pipeline Flow ............................. 18
Example 4-1: Call of a Subroutine in Page 1
from Page 0 ................................................ 49
Example 4-2: Indirect Addressing ..................................... 49
Example 5-1: Initializing PORTA....................................... 51
Example 5-2: Initializing PORTB....................................... 53
Example 5-3: Initializing PORTC ...................................... 55
Example 5-4: Read-Modify-Write Instructions on an
I/O Port ....................................................... 60
Example 7-1: Changing Prescaler (Timer0
→WDT).......... 69
Example 7-2: Changing Prescaler (WDT
→Timer0).......... 69
Example 8-1: Reading a 16-bit
Free-running Timer ..................................... 73
Example 10-1: Changing Between
Capture Prescalers ..................................... 79
Example 10-2: PWM Period and Duty
Cycle Calculation ........................................ 81
Example 11-1: Loading the SSPBUF
(SSPSR) Register ....................................... 86
Example 11-2: Loading the SSPBUF
(SSPSR) Register (PIC16C66/67) .............. 91
Example 12-1: Calculating Baud Rate Error ..................... 107
Example 13-1: Saving Status and W
Registers in RAM ...................................... 139
Example 13-2: Saving Status, W, and
PCLATH Registers in RAM
(All other PIC16C6X devices) ................... 139
LIST OF FIGURES
Figure 3-1:
PIC16C61 Block Diagram ........................... 10
Figure 3-2:
PIC16C62/62A/R62/64/64A/R64
Block Diagram ............................................ 11
Figure 3-3:
PIC16C63/R63/65/65A/R65
Block Diagram ............................................ 12
Figure 3-4:
PIC16C66/67 Block Diagram ...................... 13
Figure 3-5:
Clock/Instruction Cycle ............................... 18
Figure 4-1:
PIC16C61 Program Memory Map
and Stack .................................................... 19
Figure 4-2:
PIC16C62/62A/R62/64/64A/
R64 Program Memory Map and Stack ....... 19
Figure 4-3:
PIC16C63/R63/65/65A/R65 Program
Memory Map and Stack .............................. 19
Figure 4-4:
PIC16C66/67 Program Memory
Map and Stack ............................................ 20
Figure 4-5:
PIC16C61 Register File Map ...................... 20
Figure 4-6:
PIC16C62/62A/R62/64/64A/
R64 Register File Map ................................ 21
Figure 4-7:
PIC16C63/R63/65/65A/R65
Register File Map........................................ 21
Figure 4-8:
PIC16C66/67 Data Memory Map................ 22
Figure 4-9:
STATUS Register
(Address 03h, 83h, 103h, 183h) ................. 35
Figure 4-10:
OPTION Register
(Address 81h, 181h) ................................... 36
Figure 4-11:
INTCON Register
(Address 0Bh, 8Bh, 10Bh 18Bh)................. 37
Figure 4-12:
PIE1 Register for PIC16C62/62A/R62
(Address 8Ch)............................................. 38
Figure 4-13:
PIE1 Register for PIC16C63/R63/66
(Address 8Ch)............................................. 39
Figure 4-14:
PIE1 Register for PIC16C64/64A/R64
(Address 8Ch)............................................. 39
Figure 4-15:
PIE1 Register for PIC16C65/65A/R65/67
(Address 8Ch) ............................................ 40
Figure 4-16:
PIR1 Register for PIC16C62/62A/R62
(Address 0Ch) ............................................ 41
Figure 4-17:
PIR1 Register for PIC16C63/R63/66
Address 0Ch) ............................................. 42
Figure 4-18:
PIR1 Register for PIC16C64/64A/R64
(Address 0Ch) ............................................ 43
Figure 4-19:
PIR1 Register for PIC16C65/65A/R65/67
(Address 0Ch) ............................................ 44
Figure 4-20:
PIE2 Register (Address 8Dh) ..................... 45
Figure 4-21:
PIR2 Register (Address 0Dh) ..................... 46
Figure 4-22:
PCON Register for PIC16C62/64/65
(Address 8Eh) ............................................ 47
Figure 4-23:
PCON Register for PIC16C62A/R62/63/
R63/64A/R64/65A/R65/66/67
(Address 8Eh) ............................................ 47
Figure 4-24:
Loading of PC in Different Situations ......... 48
Figure 4-25:
Direct/Indirect Addressing .......................... 49
Figure 5-1:
Block Diagram of the
RA3:RA0 Pins and the RA5 Pin ................. 51
Figure 5-2:
Block Diagram of the RA4/T0CKI Pin......... 51
Figure 5-3:
Block Diagram of the
RB7:RB4 Pins for PIC16C61/62/64/65....... 53
Figure 5-4:
Block Diagram of the
RB7:RB4 Pins for PIC16C62A/63/R63/
64A/65A/R65/66/67 .................................... 54
Figure 5-5:
Block Diagram of the
RB3:RB0 Pins ............................................ 54
Figure 5-6:
PORTC Block Diagram .............................. 55
Figure 5-7:
PORTD Block Diagram
(In I/O Port Mode)....................................... 57
Figure 5-8:
PORTE Block Diagram
(In I/O Port Mode)...................................... 58
Figure 5-9:
TRISE Register (Address 89h) ................... 58
Figure 5-10:
Successive I/O Operation........................... 60
Figure 5-11:
PORTD and PORTE as a Parallel
Slave Port ................................................... 61
Figure 5-12:
Parallel Slave Port Write Waveforms ......... 62
Figure 5-13:
Parallel Slave Port Read Waveforms ......... 62
Figure 7-1:
Timer0 Block Diagram ................................ 65
Figure 7-2:
Timer0 Timing: Internal Clock/No
Prescaler .................................................... 65
Figure 7-3:
Timer0 Timing: Internal
Clock/Prescale 1:2 ..................................... 66
Figure 7-4:
TMR0 Interrupt Timing ............................... 66
Figure 7-5:
Timer0 Timing With External Clock ............ 67
Figure 7-6:
Block Diagram of the Timer0/WDT
Prescaler .................................................... 68
Figure 8-1:
T1CON: Timer1 Control Register
(Address 10h) ............................................. 71
Figure 8-2:
Timer1 Block Diagram ................................ 72
Figure 9-1:
Timer2 Block Diagram ................................ 75
Figure 9-2:
T2CON: Timer2 Control Register
(Address 12h) ............................................. 75
Figure 10-1:
CCP1CON Register (Address 17h) /
CCP2CON Register (Address 1Dh) ........... 78
Figure 10-2:
Capture Mode Operation
Block Diagram ............................................ 78
Figure 10-3:
Compare Mode Operation
Block Diagram ............................................ 79
Figure 10-4:
Simplified PWM Block Diagram.................. 80
Figure 10-5:
PWM Output ............................................... 80
Figure 11-1:
SSPSTAT: Sync Serial Port Status
Register (Address 94h) .............................. 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com