Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84A Datasheet(PDF) 327 Page - Microchip Technology

Part # PIC16F84A
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A Datasheet(HTML) 327 Page - Microchip Technology

Back Button PIC16F84A Datasheet HTML 323Page - Microchip Technology PIC16F84A Datasheet HTML 324Page - Microchip Technology PIC16F84A Datasheet HTML 325Page - Microchip Technology PIC16F84A Datasheet HTML 326Page - Microchip Technology PIC16F84A Datasheet HTML 327Page - Microchip Technology PIC16F84A Datasheet HTML 328Page - Microchip Technology PIC16F84A Datasheet HTML 329Page - Microchip Technology PIC16F84A Datasheet HTML 330Page - Microchip Technology PIC16F84A Datasheet HTML 331Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 337 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 327
PIC16C6X
Figure 11-2:
SSPCON: Sync Serial Port
Control Register (Address 14h) .................. 85
Figure 11-3:
SSP Block Diagram (SPI Mode) ................. 86
Figure 11-4:
SPI Master/Slave Connection..................... 87
Figure 11-5:
SPI Mode Timing, Master Mode or
Slave Mode w/o SS Control........................ 88
Figure 11-6:
SPI Mode Timing, Slave Mode with
SS Control .................................................. 88
Figure 11-7:
SSPSTAT: Sync Serial Port Status
Register (Address 94h)(PIC16C66/67)....... 89
Figure 11-8:
SSPCON: Sync Serial Port Control
Register (Address 14h)(PIC16C66/67)....... 90
Figure 11-9:
SSP Block Diagram (SPI Mode)
(PIC16C66/67)............................................ 91
Figure 11-10: SPI Master/Slave Connection
(PIC16C66/67)............................................ 92
Figure 11-11: SPI Mode Timing, Master Mode
(PIC16C66/67)............................................ 93
Figure 11-12: SPI Mode Timing (Slave Mode With
CKE = 0) (PIC16C66/67) ............................ 93
Figure 11-13: SPI Mode Timing (Slave Mode With
CKE = 1) (PIC16C66/67) ............................ 94
Figure 11-14: Start and Stop Conditions........................... 95
Figure 11-15: 7-bit Address Format .................................. 96
Figure 11-16: I2C 10-bit Address Format .......................... 96
Figure 11-17: Slave-receiver Acknowledge ...................... 96
Figure 11-18: Data Transfer Wait State ............................ 96
Figure 11-19: Master-transmitter Sequence ..................... 97
Figure 11-20: Master-receiver Sequence.......................... 97
Figure 11-21: Combined Format ....................................... 97
Figure 11-22: Multi-master Arbitration
(Two Masters)............................................. 98
Figure 11-23: Clock Synchronization ................................ 98
Figure 11-24: SSP Block Diagram (I2C Mode).................. 99
Figure 11-25:
I2C Waveforms for Reception
(7-bit Address) .......................................... 101
Figure 11-26: I2C Waveforms for Transmission
(7-bit Address) .......................................... 102
Figure 11-27: Operation of the I2C Module in
IDLE_MODE, RCV_MODE or
XMIT_MODE ............................................ 104
Figure 12-1:
TXSTA: Transmit Status and
Control Register (Address 98h) ................ 105
Figure 12-2:
RCSTA: Receive Status and
Control Register (Address 18h) ................ 106
Figure 12-3:
RX Pin Sampling Scheme (BRGH = 0)
PIC16C63/R63/65/65A/R65) .................... 110
Figure 12-4:
RX Pin Sampling Scheme (BRGH = 1)
(PIC16C63/R63/65/65A/R65) ................... 110
Figure 12-5:
RX Pin Sampling Scheme (BRGH = 1)
(PIC16C63/R63/65/65A/R65) ................... 110
Figure 12-6:
RX Pin Sampling Scheme (BRGH = 0 or = 1)
(PIC16C66/67).......................................... 111
Figure 12-7:
USART Transmit Block Diagram .............. 112
Figure 12-8:
Asynchronous Master Transmission......... 113
Figure 12-9:
Asynchronous Master Transmission
(Back to Back) .......................................... 113
Figure 12-10: USART Receive Block Diagram ............... 114
Figure 12-11: Asynchronous Reception.......................... 114
Figure 12-12: Synchronous Transmission ...................... 117
Figure 12-13: Synchronous Transmission
through TXEN ........................................... 117
Figure 12-14: Synchronous Reception
(Master Mode, SREN) .............................. 119
Figure 13-1:
Configuration Word for PIC16C61 ............ 123
Figure 13-2:
Configuration Word for
PIC16C62/64/65........................................124
Figure 13-3:
Configuration Word for
PIC16C62A/R62/63/R63/64A/R64/
65A/R65/66/67 ..........................................124
Figure 13-4:
Crystal/Ceramic Resonator Operation
(HS, XT or LP OSC Configuration)............125
Figure 13-5:
External Clock Input Operation
(HS, XT or LP OSC Configuration)............125
Figure 13-6:
External Parallel Resonant
Crystal Oscillator Circuit ............................127
Figure 13-7:
External Series Resonant
Crystal Oscillator Circuit ............................127
Figure 13-8:
RC Oscillator Mode ...................................127
Figure 13-9:
Simplified Block Diagram of
On-chip Reset Circuit ................................128
Figure 13-10: Brown-out Situations .................................129
Figure 13-11: Time-out Sequence on Power-up
(MCLR not Tied to VDD): Case 1...............134
Figure 13-12: Time-out Sequence on Power-up
(MCLR Not Tied To VDD): Case 2 .............134
Figure 13-13: Time-out Sequence on Power-up
(MCLR Tied to VDD) ..................................134
Figure 13-14: External Power-on Reset Circuit
(For Slow VDD Power-up)..........................135
Figure 13-15: External Brown-out
Protection Circuit 1 ....................................135
Figure 13-16: External Brown-out
Protection Circuit 2 ....................................135
Figure 13-17: Interrupt Logic for PIC16C61.....................137
Figure 13-18: Interrupt Logic for PIC16C6X ....................137
Figure 13-19: INT Pin Interrupt Timing ............................138
Figure 13-20: Watchdog Timer Block Diagram................140
Figure 13-21: Summary of Watchdog
Timer Registers .........................................140
Figure 13-22: Wake-up from Sleep
Through Interrupt.......................................142
Figure 13-23: Typical In-circuit Serial
Programming Connection..........................142
Figure 14-1:
General Format for Instructions.................143
Figure 16-1:
Load Conditions for Device Timing
Specifications ............................................168
Figure 16-2:
External Clock Timing ...............................169
Figure 16-3:
CLKOUT and I/O Timing ...........................170
Figure 16-4:
Reset, Watchdog Timer, Oscillator
Start-up Timer and Power-up Timer
Timing........................................................171
Figure 16-5:
Timer0 External Clock Timings .................172
Figure 17-1:
Typical RC Oscillator
Frequency vs. Temperature .....................173
Figure 17-2:
Typical RC Oscillator
Frequency vs. VDD ....................................174
Figure 17-3:
Typical RC Oscillator
Frequency vs. VDD ....................................174
Figure 17-4:
Typical RC Oscillator
Frequency vs. VDD ....................................174
Figure 17-5:
Typical IPD vs. VDD Watchdog Timer
Disabled 25
°C ...........................................174
Figure 17-6:
Typical IPD vs. VDD Watchdog Timer
Enabled 25
°C ............................................175
Figure 17-7:
Maximum IPD vs. VDD Watchdog
Disabled ....................................................175
Figure 17-8:
Maximum IPD vs. VDD Watchdog
Enabled*....................................................176
Figure 17-9:
VTH (Input Threshold Voltage) of
I/O Pins vs. VDD ........................................176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com