Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3658 Datasheet(PDF) 90 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 90 Page - ams AG

Back Button AS3658 Datasheet HTML 86Page - ams AG AS3658 Datasheet HTML 87Page - ams AG AS3658 Datasheet HTML 88Page - ams AG AS3658 Datasheet HTML 89Page - ams AG AS3658 Datasheet HTML 90Page - ams AG AS3658 Datasheet HTML 91Page - ams AG AS3658 Datasheet HTML 92Page - ams AG AS3658 Datasheet HTML 93Page - ams AG AS3658 Datasheet HTML 94Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
89 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
Figure 39. AS3658 Microphone Recording and I2S I/O Playback (either I2S 1 or I2S 2/PCM)
Figure 40. AS3658 Recording of the Mixed output signal and parallel playback (either I2S 1 or I2S 2/PCM)
9.2
Common mode voltage generation of HP_CM, LINE_CM
The common mode voltage of the Headphone and Lineout is stored in the C_hpcm and C_linecm capacitor
(connected between HP_CM to VSS and LINE_CM to VSS). These capacitor are also responsible for the popless
startup, PSRR of the amplifiers and sense path of the GND cancellation circuit.
Startup and PSRR is defined by the value of the external capacitors. The RC limits the maximum achievable PSRR:
R=6M
Ω typ, C=0.1...1µF:
Table 88. common mode voltage, Audio start-up and PSRR
Capacitor value for C_hpcm and
C_linecm
Startup time (typ)
Maximum achievable PSRR
@ 1kHz (typ)
@ 100Hz (typ)
µF
msec
dB
dB
0.1
150
76
56
1
1500
90
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com