Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3658 Datasheet(PDF) 58 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 58 Page - ams AG

Back Button AS3658 Datasheet HTML 54Page - ams AG AS3658 Datasheet HTML 55Page - ams AG AS3658 Datasheet HTML 56Page - ams AG AS3658 Datasheet HTML 57Page - ams AG AS3658 Datasheet HTML 58Page - ams AG AS3658 Datasheet HTML 59Page - ams AG AS3658 Datasheet HTML 60Page - ams AG AS3658 Datasheet HTML 61Page - ams AG AS3658 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
57 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Table 48. Battery, supply voltage Bit definitions
Addr:12
Battery voltage monitor
These bits controls the battery/Supply voltage monitor (Reset levels)
Bit
Bit Name
Default Access
Description
2:0
ResVoltRise
ROM
(101b)
R/W
This value determines the reset level VRESRISE for rising
VBAT. It is recommended to set this value at least 200mV
higher than VRESFALL.
000b
VRESRISE=2.7V
001b
VRESRISE=2.8V
010b
VRESRISE=2.9V
011b
VRESRISE=3.0V
100b
VRESRISE=3.1V
101b
VRESRISE=3.2V
110b
VRESRISE=3.3V
111b
VRESRISE=3.4V
5:3
ResVoltFall
ROM
(011b)
R/W
This value determines the reset level VRESFALL for falling
VVBAT. It is recommended to set this value at least 200mV
lower than VRESRISE.
000b
VRESFALL=2.7V
001b
VRESFALL=2.8V
010b
VRESFALL=2.9V
011b
VRESFALL=3.0V
100b
VRESFALL=3.1V
101b
VRESFALL=3.2V
110b
VRESFALL=3.3V
111b
VRESFALL=3.4V
6
SupResEn
ROM
(0b)
R/W
0
A reset is generated if Vsupply falls below 2.7V.
(If VVBAT falls below VRESFALL only an interrupt is
generated (if enabled) and the Processor can shut
down the system)
1
A reset is generated if Vsupply falls below
VRESFALL
7
FastResEn
ROM
R/W
0
Vresetfall debounce time = 3msec
1
Vresetfall debounce time = 4µsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com