Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3930 Datasheet(PDF) 10 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 10 Page - ams AG

Back Button AS3930 Datasheet HTML 6Page - ams AG AS3930 Datasheet HTML 7Page - ams AG AS3930 Datasheet HTML 8Page - ams AG AS3930 Datasheet HTML 9Page - ams AG AS3930 Datasheet HTML 10Page - ams AG AS3930 Datasheet HTML 11Page - ams AG AS3930 Datasheet HTML 12Page - ams AG AS3930 Datasheet HTML 13Page - ams AG AS3930 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
www.ams.com/LF-Receiver/AS3930
Revision 1.5
10 - 32
AS3930
Datasheet - Detailed Descr i p ti on
8 Detailed Description
The AS3930 is a one-dimensional low power low-frequency wake-up receiver. The AS3930 is capable of detecting the presence of an inductive
coupled carrier and extract the envelope of the On-Off-Keying (OOK) modulated carrier. In case the carrier is Manchester coded, then the clock
is recovered from the transmitted signal and the data can be correlated with a programmed pattern. If the detected pattern corresponds to the
stored one, then a wake-up signal (IRQ) is risen up. The pattern correlation can be bypassed in which case the wake-up detection is based only
on the frequency detection.
The AS3930 is made up of a single receiving channel, one envelop detector, one data correlator, 8 programmable registers with the main logic
and a real time clock.
The digital logic can be accessed by an SDI. The real time clock can be based on a crystal oscillator or on an internal RC. If the internal RC
oscillator is used, a calibration procedure can be performed to improve its accuracy.
Figure 10. Block Diagram of the LF Wake-up Receiver AS3930
LF1P
LFN
GND
XIN
XOUT
DAT
CS
SDO
SDI
SCL
IRQ
VCC
RSSI
Wakeup
AS3930, 1-D LF Wakeup Receiver
SDI
Main
Logic
Envelope Detector / Data Slicer
Correlator
Channel
Amplifier1
I/V
Bias
Xtal RTC
RC RTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com