Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3930 Datasheet(PDF) 16 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 16 Page - ams AG

Back Button AS3930 Datasheet HTML 12Page - ams AG AS3930 Datasheet HTML 13Page - ams AG AS3930 Datasheet HTML 14Page - ams AG AS3930 Datasheet HTML 15Page - ams AG AS3930 Datasheet HTML 16Page - ams AG AS3930 Datasheet HTML 17Page - ams AG AS3930 Datasheet HTML 18Page - ams AG AS3930 Datasheet HTML 19Page - ams AG AS3930 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
www.ams.com/LF-Receiver/AS3930
Revision 1.5
16 - 32
AS3930
Datasheet - Detailed Descr i p ti on
Figure 13. Writing of Register Data with Auto-incrementing Address
Reading of Data from Addressable Registers (READ Mode). Once the address has been sent through SDI, the data can be fed
through the SDO pin out to the microcontroller.
A CS LOW toggling high-low-high has to be performed after finishing the read mode session, in order to indicate the end of the READ command
and prepare the Interface to the next command control Byte.
To transfer bytes from consecutive addresses, SDI master has to keep the CS signal high and the SCLK clock has to be active as long as data
need to be read.
Figure 14. Reading of a Single Register Byte
CS
SCLK
SDI
00 A5
A
4
A
3
A
2
A
1
A
0
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
X
X
Data is moved
to Address
<A5-A0 > +n
CS falling
edge signals
end of
WRITE Mode
Two leading
Zeros indicate
WRITE Mode
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
1
D
0
Data is moved
to Address
<A5-A0 > + (n-1)
Data is moved
to Address
<A5-A0 > +1
Data is moved
to Address
<A5-A0 >
CS
SCLK
SDI
0
1
A5
A4
A3
A2
A1
A0
X
X
SCLK rising
edge Data is
moved from
Address
<A5-A0>
CS falling
edge signals
end of READ
Mode
01 pattern
indicates
READ Mode
D4
D3
D2
D1
D0
D7
D6
X
X
SDO
SCLK rising
edge Data is
transfered from
µC
SCLK
falling edge
Data is
sampled
SCLK falling
edge Data is
transfered to
µC
D5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com