Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3931-TPD Datasheet(PDF) 7 Page - ams AG

Part # AS3931-TPD
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931-TPD Datasheet(HTML) 7 Page - ams AG

Back Button AS3931-TPD Datasheet HTML 3Page - ams AG AS3931-TPD Datasheet HTML 4Page - ams AG AS3931-TPD Datasheet HTML 5Page - ams AG AS3931-TPD Datasheet HTML 6Page - ams AG AS3931-TPD Datasheet HTML 7Page - ams AG AS3931-TPD Datasheet HTML 8Page - ams AG AS3931-TPD Datasheet HTML 9Page - ams AG AS3931-TPD Datasheet HTML 10Page - ams AG AS3931-TPD Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
6 - 30
AS3931
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
TAMB = -20° to +65° C, VCC = 3.0 V, fIN = 20 kHz, register settings as after POR, CS = low, transmission protocol according to Figure 15,
Figure 16 and application circuit according to Figure 1 unless otherwise specified.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
General
fIN
LF input carrier frequency
range
19
150
kHz
BR
Half-bit rate
1
2.704
2.731
2.758
kB/s
BM
Manchester Bit Rate
2
1.352
1.365
1.379
kB/s
W
Manchester Code Word
3
96
hex
NPRE
Preamble half-bits
4
8
VREG
Regulator Voltage
5
VCC = 2.6 V to 5.5 V
2.30
2.4
2.60
V
TPOR
Power On Reset time
6
VCC = 2.4 V to 5.5 V
5
ms
ICC
operating current
regulator off,
VCC = 2.4 V;
TAMB = 27° C
sleep mode
0.3
µA
standby mode
6.5
µA
receive mode
6.7
µA
regulator off,
VCC = 2.4V to
3.5V;
TAMB = 27° C
sleep mode
0.5
standby mode
6.8
regulator on,
TAMB = 27° C
sleep mode
0.8
1.5
µA
standby mode
7.0
8.8
µA
receive mode
7.2
9
µA
regulator on,
RSSI-step =
low;
TAMB = 27° C
standby mode
6.6
IBUF
RSSI buffer operating
current
7
No load at RSSI-Pin
2
µA
ΔVCC
VCC transient compliance
8
recovery time = 10 ms; regulator on
8,
2.6 V < VCC < 5.5 V for VCC after step
2V
recovery time = 10 ms; regulator off
8;
2.4 V < VCC < 5.5 V for VCC before step
0.3
V
ZIN
Differential small sig. input
impedance
normal operation; TAMB = 27º
2
M
Ω
input attenuator active;
TAMB = 27º
1.5
k
Ω
input shortcutting active;
TAMB = 27º
0.5
k
Ω
fXTAL
crystal oscillator frequency
Crystal type: CC4 from MicroCrystal
9
32.768
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com