Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3931-TPD Datasheet(PDF) 8 Page - ams AG

Part # AS3931-TPD
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931-TPD Datasheet(HTML) 8 Page - ams AG

Back Button AS3931-TPD Datasheet HTML 4Page - ams AG AS3931-TPD Datasheet HTML 5Page - ams AG AS3931-TPD Datasheet HTML 6Page - ams AG AS3931-TPD Datasheet HTML 7Page - ams AG AS3931-TPD Datasheet HTML 8Page - ams AG AS3931-TPD Datasheet HTML 9Page - ams AG AS3931-TPD Datasheet HTML 10Page - ams AG AS3931-TPD Datasheet HTML 11Page - ams AG AS3931-TPD Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
www.austriamicrosystems.com
Revision 6.2
7 - 30
AS3931
Datasheet - Electrical Character i s t ics
WAKEUP
Vin,min
minimum differential input
voltage for wake up
detection
10
NPRE = 8
trise,tfall < 150 µs;
VREG = 2.4 V to 3.5 V
11
350
µVpp
Vin,max
maximum differential input
voltage for wake up
detection
10
1Vpp
IWAKE
WAKE pin current
Voltage at WAKE pin:
VOL < 0.4 V;
VREG = 2.4 V to 3.5 V
11
0.33
mA
RSSI
VRSSI
RSSI output voltage range
0.5
1.7
V
VRSSI0
RSSI output voltage
(RSSI offset)
VIN = 0;
0.5
0.76
1.2
V
VSTEP
RSSI output voltage step
12
VIN = 1 mVpp;
100
290
mV
VLOG
logarithmic input voltage
range
VIN = 1 mVpp, RSSI step = high
0.3
300
mV
SRSSI
RSSI slope in log. range
RSSI step = high
12
mV/dB
CRSSI
cap. loading of RSSI pin
RSSI buffer active
10
pF
IRSSI
RSSI buffer output current
5
µA
Tstep
RSSI voltage step time
13
CL = 10 pF,
RL = 1 MΩ;
Input signal amplitude
100 mVpp; CS from low to high
(Buffer activation in presence of
a strong input signal);
350
µs
channel switching from ChA(100
mVpp) to
ChB (0 mVpp)
14
,
with CS deactivation of
10 µs
350
µs
VRIP
RSSI Ripple Voltage
RSSI buffer active, CL = 10 pF, RL = 1 MΩ;
VIN = 1 mVpp;
70
mV
Serial Programming Interface
VIL
Digital input L level
Pins SCL, SDA, CS;
VREG = 2.4 V to 3.5 V
11
0.3 *
VREG
11
V
VIH
Digital input H level
Pins SCL, SDA, CS
VREG = 2.4 V to 3.5 V
11
0.7 *
VREG
11
V
IIH
Digital Input current
Pins SCL, SDA, CS
VIH = 2.4 V;
VREG = 2.4 V to 3.5 V
11
30
60
100
µA
TCLK
Clock period
VREG = 2.4 V to 3.5 V
11
2µs
TCH
Clock high duration
VREG = 2.4 V to 3.5 V
11
500
ns
TCL
Clock low duration
VREG = 2.4 V to 3.5 V
11
500
ns
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com