| Electronic Components Datasheet Search |
|
AS3932 Datasheet(PDF) 18 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3932 Datasheet(HTML) 18 Page - ams AG |
|
18 / 34 page ![]() www.ams.com/LF-Receiver/AS3932 Revision 1.7 18 - 34 AS3932 Datasheet - Detailed Descr i p ti on Figure 14. Writing of Register Data with Auto-incrementing Address Reading of Data from Addressable Registers (READ Mode). Once the address has been sent through SDI, the data can be fed through the SDO pin out to the microcontroller. A CS LOW toggling high-low-high has to be performed after finishing the read mode session, in order to indicate the end of the READ command and prepare the Interface to the next command control Byte. To transfer bytes from consecutive addresses, SDI master has to keep the CS signal high and the SCLK clock has to be active as long as data need to be read. Figure 15. Reading of Single Register Byte CS SCLK SDI 00 A5 A 4 A 3 A 2 A 1 A 0 D 5 D 4 D 3 D 2 D 1 D 0 D 7 D 6 X X Data is moved to Address <A5-A0 > +n CS falling edge signals end of WRITE Mode Two leading Zeros indicate WRITE Mode D 5 D 4 D 3 D 2 D 1 D 0 D 7 D 6 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 D 7 D 6 D 1 D 0 Data is moved to Address <A5-A0 > + (n-1) Data is moved to Address <A5-A0 > +1 Data is moved to Address <A5-A0 > CS SCLK SDI 0 1 A5 A4 A3 A2 A1 A0 X X SCLK rising edge Data is moved from Address <A5-A0> CS falling edge signals end of READ Mode 01 pattern indicates READ Mode D4 D3 D2 D1 D0 D7 D6 X X SDO SCLK rising edge Data is transfered from µC SCLK falling edge Data is sampled SCLK falling edge Data is transfered to µC D5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |