Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953 Datasheet(PDF) 13 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 13 Page - ams AG

Back Button AS3953 Datasheet HTML 9Page - ams AG AS3953 Datasheet HTML 10Page - ams AG AS3953 Datasheet HTML 11Page - ams AG AS3953 Datasheet HTML 12Page - ams AG AS3953 Datasheet HTML 13Page - ams AG AS3953 Datasheet HTML 14Page - ams AG AS3953 Datasheet HTML 15Page - ams AG AS3953 Datasheet HTML 16Page - ams AG AS3953 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
www.ams.com
Revision 1.0
13 - 42
AS3953
Datasheet - D e t a il e d D es c r i pt io n
Third Byte of UID (uid2).
Third byte of UID –
uid<23:16> is set to 00(hex). Table below defines the coding of the first three bytes of UID.
The last 4 bytes of UID are read from EEPROM (UID word). Table below defines the last four bytes of UID.
7.5.2 Coding of ATQA, SAK and ATS
Several bits of responses ATQA, SAK and ATS are defined as “don’t care” in the ISO 14443A standard. Some others are defined by optional
choices in standard protocol. This section defines how these bits are set by the AS3953.
ATQA.
ATQA is response to
REQA and WUPA commands. Table below defines the ATQA coding.
Bits
b16 to b13 are RFU bits which must be set to ‘0’.
Bits
b12 to b9 are proprietary coding and are set to ‘0’.
Bits
b8 and b7 indicate double size UID.
Bit
b6 is ‘RFU’ bit and is set to ‘0’.
For bit frame anti-collision, the code 00100 is chosen.
SAK.
SAK is response to
SELECT command. AS3953 UID has double size, which defines SAK responses for Cascade Level 1 and Cascade Level 2.

Cascade Level 1: According to ISO 14443-3, all bits except
b3 are “don’t care” for Cascade Level 1. Table below defines Cascade Level 1
coding.

Cascade Level 2: According to ISO 14443-3 all bits except
b6 and b3 are “don’t care” for Cascade Level 2.
If configuration
bit16 [nl4] is set to logic ‘0’ (default state), the SAK on Cascade Level 2 reports that tag is compliant to level4 (see table below).
If configuration
bit16 [nl4] is set to logic ‘1’, the SAK on Cascade Level 2 reports that tag is NOT compliant to Level-4 (see table below).
UID Byte
FL Signal Name
Value (hex)
uid0
uid<7:0>
3F
uid1
uid<15:8>
10
uid2
uid<23:16>
00
UID Byte
UID Word Bits
uid3
b7-b0
uid4
b15-b8
uid5
b23-b16
uid6
b31-b24
b16
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
0
0000000010001
00
UID size
Bit frame anti-collision
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
0
00001
00
Cascade bit set: UID not complete
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
0
0
1
000
00
UID complete, tag is compliant to
ISO/IEC14443-4
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
0
0000000
UID complete, tag is NOT compliant
to ISO/IEC14443-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com