Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953 Datasheet(PDF) 19 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 19 Page - ams AG

Back Button AS3953 Datasheet HTML 15Page - ams AG AS3953 Datasheet HTML 16Page - ams AG AS3953 Datasheet HTML 17Page - ams AG AS3953 Datasheet HTML 18Page - ams AG AS3953 Datasheet HTML 19Page - ams AG AS3953 Datasheet HTML 20Page - ams AG AS3953 Datasheet HTML 21Page - ams AG AS3953 Datasheet HTML 22Page - ams AG AS3953 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
www.ams.com
Revision 1.0
19 - 42
AS3953
Datasheet - D e t a il e d D es c r i pt io n
7.9.3 Configuration Word
The Configuration word is used to define the AS3953 operating options. It is delivered by
ams with default setting.
Notes:
1. Configuration bits
b31 to b15 define AS3953 response to SAK and ATS command in ISO 14443A Protocol modes, while bits b14 to b0
actually change performance.
2. Incase both
nl4 and nfc are set, the nl4 setting prevails.
Table 5. Configuration Word (Bits 31 to 16)
Configuration Bit
Name
Default
Function
b31
fsci<3>
0
FSCI. Default value (2h) codes maximum size of frame accepted by PICC to 32
bytes which is the size of the FIFO. Please note that the AS3953 can support
larger frame sizes in case FIFO is read during the receiving.
b30
fsci<2>
0
b29
fsci<1>
1
b28
fsci<0>
0
b27
fwi<3>
0
FWI (default value (6h) defines frame waiting time of ~19.3ms)
b26
fwi<2>
1
b25
fwi<1>
1
b24
fwi<0>
0
b23
dr_sdr
0
1: Only the same bit rate for both directions supported (TA(1) of ATS)
b22
dr_picc_8
0
1: DR=8 PICC-to-PCD supported (848kb/s) (TA(1) of ATS)
b21
dr_picc_4
0
1: DR=4 PICC-to-PCD supported (424kb/s) (TA(1) of ATS)
b20
dr_picc_2
0
1: DR=2 PICC-to-PCD supported (212kb/s) (TA(1) of ATS)
b19
dr_pcd_8
0
1: DR=8 PCD-to-PICC supported (848kb/s) (TA(1) of ATS)
b18
dr_pcd_4
0
1: DR=4 PCD-to-PICC supported (424kb/s) (TA(1) of ATS)
b17
dr_pcd_2
0
1: DR=2 PCD-to-PICC supported (212kb/s) (TA(1) of ATS)
b16
nl4
0
1: SAK on Cascade Level 2 reports that tag is not ISO 14443-4 compatible
b15
nfc
0
1: SAK on Cascade Level 2 reports that tag is NFC passive target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com