Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS5214 Datasheet(PDF) 2 Page - API Technologies Corp

Part # HS5214
Description  12-Bit Adjustment Free ADCs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HS5214 Datasheet(HTML) 2 Page - API Technologies Corp

  HS5214 Datasheet HTML 1Page - API Technologies Corp HS5214 Datasheet HTML 2Page - API Technologies Corp HS5214 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SUCCESSIVE APPRO XIMATIO N 12-BIT A/D Converters
A BSOLUTE M A XIM UM RA TINGS:
Operating Temperature
–55ºCto+125ºC
Storage Temperature
–65ºCto+150ºC
Positive Supply
+18 V olts
Negative Supply
–18 V olts
Logic Supply
+7 V olts
A nalog Input
±25 V olts
Digital Outputs
0 to Logic Supply
Digital Inputs
–0.5 to +5.5 V olts
Reference Supply (M odels HS5213. 14, 15)
–15 V olts
SPECIFICA TIONS (TA=25º C, Voltages ±15, +5 Unless otherw ise stated)
PERFORM A NCE (NOTE 1):
INPUT
HIGH
INPUT RA NGE
IM PEDA NCE
PERFORM A NCE
HIGH A CCURA CY
(Internal Reference) (Ext. Ref.=–10.000V )
0 to-10V
3.6k
HS5210
HS5213
+5V to -5V
3.6k
HS5211
HS5214
+10V to-10V
7.2k
HS5212
HS5215
0 to+10V
3.3k
HS5216
M A X.
M A X.
UNITS
Resolution
12
12
Bits
Linearity(25ºC)
±1/2
±1/2
LSB
t
M IN to tM A X
±3/4
±3/4
LSB
Zero Error
1
1
LSB
A bsolute A ccuracy(25ºC)(Note 2)
2
2
LSB
A bsolute A ccuracy(–55ºC to +125ºC)(Note 2)
±.4
±.1
%
Conversion Time
13
13
µSec
Power Supply Requirments
Current Drain +15 V olt Supply
16
10
mA
Current Drain –1 SV olt Supply
28
28
mA
Current Drain +5V olt Supply (Note 5)
50
50
mA
Current Drain @ Reference Input
2
mA
Power Supply Rejection
±15 V olts (Note 3)
±1
±1
LSB/% Supply
±5V olts
±1
±1
LSB/% Supply
Power Consumption
910
825
mW
LOGIC RA TINGS
M IN
TY P.
M A X.
UNITS
Input Logic Commands
0.7
V olts
Logic “ 0”
2.0
V olts
Logic “ 1”
0.5
TTL Load
Loading
Clock Input Pulse W idth
Logic “ 0”
180
nSec
Logic “ 1”
100
nSec
Output Logic
Logic “ 0”
0.15
0.4
V olts
Logic “ 1”
2.4
3.6
V olts
Serial Output
Parallel Output (See Timing Diagram)
Fanout-High
8
TTL Load
Fanout-Low
2
TTL Load
LO G IC CO D IN G
HS5210/5213
HS5211/5214
HS5212/5215
HS5216
M SB
LSB
0.0000V
+5.0000V
+10.0000V
+10.0000V
0000 0000 0000
–0.0024V
+4.9976V
+9.9951V
+9.9976V
0000 0000 0000*
–4.9976V
+0.0024V
+0.0049V
+5.0024V
0111 1111 1110*
–5.0000V
0.0000V
0.0000V
+5.0000V
0000 0000 0000*
–5.0024V
–0.0024V
–0.0049V
+4.9976V
1000 0000 0000*
–9.9976V
–4.9976V
–9.9951V
+0.0024V
1111 1111 1110*
–10.0000V
-5.0000V
-10.0000V
0.0000V
1111 1111 1111
HS5210 SERIES
(Continued on next page.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com