Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS5214 Datasheet(PDF) 3 Page - API Technologies Corp

Part # HS5214
Description  12-Bit Adjustment Free ADCs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HS5214 Datasheet(HTML) 3 Page - API Technologies Corp

  HS5214 Datasheet HTML 1Page - API Technologies Corp HS5214 Datasheet HTML 2Page - API Technologies Corp HS5214 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PIN NO.
FUNCTION
PIN NO.
FUNCTION
Pin1
Start
Pin 24
Clock Input
Pin 2
+5V
Pin 23
DIG GND
Pin 3
Serial Out
Pin 22
E.O.C. (end of conversion)
Pin 4
Bit 6
Pin 21
Bit 7
Pin 5
Bit 5
Pin 20
Bit 8
Pin 6
Bit 4
Pin 19
Bit 9
Pin 7
Bit 3
Pin 18
Bit 10
Pin 8
Bit 2
Pin 17
Bit 11
Pin 9
M SB
Pin 16
LSB
Pin 10
No connection
Pin 15
+15V
Pin 11
A nalog Ground
Pin 14
A nalog in
Pin 12
N/C (int.ref.models)
Pin 13
– 15V
– V ref in (ext.ref.models)
ORDERING INFORM A TION
M odel
Description
HS52XXC
Comm., 12-Bits, l3µS
HS52XXB
M IL, 12-Bits, 13µS
M odel Selection Number
Specifications subject to change without notice.
PIN DESIGNA TIONS
M ECHA NICA L
(Ceramic Packages
RECOM M ENDED POW ER SUPPLY BY PA SS CIRCUITS
0.165
(4.191)
M A X
0.600
(15.24)
0.010
(0.254)
0.100
(0.25)
0.310
(33.274)
M A X
0.025
(0.635)
0.205
(5.207)
0.800
(20.320)
M A X
0.018
(0.451)
PIN (1)
INDEX
TOP
V IEW
inch
(mm)
TY PICA L
DIM ENSIONS
24
1
13
12
+15V
GND
– 15V
15
11
13
+5V
SUPPLY
DIG COM
0.01µF
1µF
+
+
1µF
+
1µF
0.01µF
0.01µF
+ 15V SUPPLY
– 15V SUPPLY
2
+5v
23
DIG. GND
A NA LOG
GROUND
Pin 1 is marked by the dot on the top of the package
SPECIFICA TION (Continued)
* The voltages given are the theoretical values for the transitions indicated. Ideally, with the converter continuously converting the output bits indicated as 0 will
change from “ 1” to “ 0” or from “ 0” to “ 1” as the input voltage passes through the level indicated.
EXA M PLE:
W ith an HS 5210/13 (0 to - 10V range), the transition from an output 0000 0000 0000 to 0000 0000 0001 will ideally occur at an analog voltage of - 0.0024V and the
transition from 1111 1111 1110 to 1111 1111 1111 will occur with an analog voltage of - 9.9976.
NOTE 1. Parts can be tested to meet M IL -38510/120 Consult factory.
NOTE 2. A bsolute accuracy includes all errors, gain, zero. and linearity. No missing codes guaranteed over temperature.
NOTE 3. For proper operation ± 15V power supplies tolerance should not be greater than ± 5% .
NOTE 4 FSR is the abbreviation (or " Full Scale Range" and is equal to the peak-to-peak output voltage, i.e.. 10V for ± 5V range.
NOTE 5. M odel HS 5216 + 5V current is 57 mA max
NOTE 6 In case of discrepancy between package shown in photograph and package outline dimension, the mechanical outline is correct
HS5210 SERIES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com