Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5510DWLT Datasheet(PDF) 8 Page - ams AG

Part # AS5510DWLT
Description  Linear Hall Sensor with IC Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5510DWLT Datasheet(HTML) 8 Page - ams AG

Back Button AS5510DWLT Datasheet HTML 4Page - ams AG AS5510DWLT Datasheet HTML 5Page - ams AG AS5510DWLT Datasheet HTML 6Page - ams AG AS5510DWLT Datasheet HTML 7Page - ams AG AS5510DWLT Datasheet HTML 8Page - ams AG AS5510DWLT Datasheet HTML 9Page - ams AG AS5510DWLT Datasheet HTML 10Page - ams AG AS5510DWLT Datasheet HTML 11Page - ams AG AS5510DWLT Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.ams.com/AS5510
Revision 0.1
7 - 18
AS5510
Datasheet - Detailed Descr i p ti on
7 Detailed Description
7.1 Typical Application
Figure 4. Typical Application
7.2 I²C Interface
The AS5510 includes an I²C slave according to the NXP specification UM10204.

7-bit slave address 101011x, the last address bit x is set by the ADR pin (0 or 1)

Random/Sequential Read

Byte/Page Write

Fast-mode plus with 20mA SDA drive strength

Internal hold time of 120ns for SDA signal is included (Start/Stop detection)
Not implemented:

10-bit Slave Address

Clock Stretching

General Call Address

General Call – Software Reset

Read of Device ID
AS5510
#1
I²C ADDR = 56h
VDD
VSS
100nF
Test
SCL
SDA
ADR
Microcontroller
AS5510
#2
I²C ADDR = 57h
100nF
VDD =
2.5 ~ 3.6V
VDD
VSS
Test
SCL
SDA
ADR
100nF
VDD
VDD
VDD
I²C
interface
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com