Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5510DWLT Datasheet(PDF) 18 Page - ams AG

Part # AS5510DWLT
Description  Linear Hall Sensor with IC Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5510DWLT Datasheet(HTML) 18 Page - ams AG

Back Button AS5510DWLT Datasheet HTML 11Page - ams AG AS5510DWLT Datasheet HTML 12Page - ams AG AS5510DWLT Datasheet HTML 13Page - ams AG AS5510DWLT Datasheet HTML 14Page - ams AG AS5510DWLT Datasheet HTML 15Page - ams AG AS5510DWLT Datasheet HTML 16Page - ams AG AS5510DWLT Datasheet HTML 17Page - ams AG AS5510DWLT Datasheet HTML 18Page - ams AG AS5510DWLT Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
www.ams.com/AS5510
Revision 0.1
17 - 18
AS5510
Datasheet - Orderin g Info r m ation
9 Ordering Information
The devices are available as the standard products shown in Table 10.
D......Temperature Range: -30°C to +85°C
WL...Package: WL-CSP Wafer Level - Chip Scale Package
T......Delivery Form: Tape & Reel
Note:
All products are RoHS compliant and ams green.
Buy our products or get free samples online at www.ams.com/ICdirect
Technical Support is available at www.ams.com/Technical-Support
For further information and requests, email us at sales@ams.com
(or) find your local distributor at www.ams.com/distributor
Table 10. Ordering Information
Model
Description
Delivery Form
Package
AS5510 DWLT
Linear Hall Sensor
Tape & Reel
6pin WL-CSP 1.4 x 1.1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com