Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8222 Datasheet(PDF) 12 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 12 Page - ams AG

Back Button AS8222 Datasheet HTML 8Page - ams AG AS8222 Datasheet HTML 9Page - ams AG AS8222 Datasheet HTML 10Page - ams AG AS8222 Datasheet HTML 11Page - ams AG AS8222 Datasheet HTML 12Page - ams AG AS8222 Datasheet HTML 13Page - ams AG AS8222 Datasheet HTML 14Page - ams AG AS8222 Datasheet HTML 15Page - ams AG AS8222 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
AS8222
Datasheet - Electrical Character i s t ics
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
11 - 42
6.4 Receiver
The following parameters are applicable to all the branch receivers.
tTXEN_BUS_Active_Idle
dBDTxai
Delay time from TxEN to bus idle
Propagation delay active
→ idle
RL=45
Ω; CL= 100 pF
18
50
100
ns
ns
tTXEN_MISMATCH
dBDTxDM
Delay time from TxEN to BUS mismatch
| dBDTxia - dBDTxai |
| tTXEN_BUS_Idle_Active -
tTXEN_BUS_Active_Idle |;
RL=45
Ω; CL= 100 pF
050
50
ns
ns
tBGE_BUS_IdleActive
dBDTxia
Delay time from BGE to bus active
Propagation delay idle
→ active
18
50
100
ns
ns
tBGE_BUS_Active_Idle
dBDTxai
Delay time from BGE to bus idle
Propagation delay active
→ idle
18
50
100
ns
ns
tBUS_Idle_Active
dBusTxia
Differential bus voltage transition time:
idle to active
Transition time idle
→ active
RL=45
Ω; CL= 100 pF
530
30
ns
ns
tBUS_Active_Idle
dBusTxai
Differential bus voltage transition time:
active to idle
Transition time active
→ idle
RL=45
Ω; CL= 100 pF
230
30
ns
ns
tTxEN_timeout
TxEN timeout
3
5
10
ms
Table 6. Receiver
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RBP, RBM
RCM1, RCM2
BP, BM input resistance
Receiver common mode input
resistance
Idle mode; RBUS=
∞
10
10
25
40
40
k
Ω
k
Ω
RDIFF
BP, BM differential input resistance
Idle mode; RBUS=
∞
20
50
80
k
Ω
VBP, VBM
uCM
Common mode voltage range
Common mode voltage range (with
respect to GND) that does not disturb
the receive function
-10
-10
+15
+15
V
V
VBPidle, VBMidle
uBias
Idle voltage in non-low-power modes
on pin BP, BM
Bus bias voltage during BD_Normal
mode
Non-low-power modes; VTXEN=VIO
40
Ω < RL < 55 Ω
0.4*VCC
1800
0.5*VCC 0.6*VCC
3200
V
mV
Table 5. Transmitter
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com