Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8222 Datasheet(PDF) 15 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 15 Page - ams AG

Back Button AS8222 Datasheet HTML 11Page - ams AG AS8222 Datasheet HTML 12Page - ams AG AS8222 Datasheet HTML 13Page - ams AG AS8222 Datasheet HTML 14Page - ams AG AS8222 Datasheet HTML 15Page - ams AG AS8222 Datasheet HTML 16Page - ams AG AS8222 Datasheet HTML 17Page - ams AG AS8222 Datasheet HTML 18Page - ams AG AS8222 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
AS8222
Datasheet - Electrical Character i s t ics
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
14 - 42
6.6 Supply Voltage Monitor
tBWUIdle
dWUIdleDetect
Idle or Data_1 detection time in remote
wake-up pattern
Acceptance timeout for detection of a
Idle phase in wake-up pattern
-10V<(VBP, VBM)<15V
1
1
24
4
µs
µs
tBWUDetect
dWUTimeout
Total remote wake-up detection time
Acceptance timeout for wake-up
pattern recognition
-10V<(VBP, VBM)<15V
48
48
75
140
140
µs
µs
VBWU0
Remote wake-up detector threshold
-10V<(VBP, VBM)<15V
-300
-250
-150
mV
VLWUTH
Wake-up detection threshold
2
2.8
4
V
ILWUL
Low level input current on WAKE pin VBAT=12V; VLWAKE=2V for t<tLWUFilter
-20
-10
-5
µA
ILWUH
High level input current on WAKE pin VBAT=12V; VLWAKE=4V for t<tLWUFilter
510
20
µA
tLWUFilter
dWakePulseFilter
Local wake filter time
Wake pulse filter time (spike rejection)
1
1
20
40
500
µs
µs
Table 8. Supply Voltage Monitor
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VBATTHH
VBAT undervoltage recovery threshold
3.5
4
4.5
V
VBATTHL
uUVBAT
VBAT undervoltage detection threshold
Undervoltage detection threshold
2.5
2
33.5
5.5
V
V
VCCTHH
VCC undervoltage recovery threshold
3.5
4
4.5
V
VCCTHL
uUVCC
VCC undervoltage detection threshold
Undervoltage detection threshold
2.5
2
33.5
V
V
VIOTHH
VIO undervoltage recovery threshold
1.25
1.6
2.0
V
VIOTHL
uUVIO
VIO undervoltage detection threshold
Undervoltage detection threshold
0.75
0.75
1.1
1.5
V
V
tUV_DETECT
dUVBAT, dUVCC,
dUVIO
Undervoltage detection time
Undervoltage reaction time
100
300
700
1000
ms
ms
tUV_REC
Undervoltage recovery time
0.7
2
5
ms
Table 7. Wake-up Detector
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com