Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8220A Datasheet(PDF) 14 Page - ams AG

Part # AS8220A
Description  FlexRay Basis Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8220A Datasheet(HTML) 14 Page - ams AG

Back Button AS8220A Datasheet HTML 10Page - ams AG AS8220A Datasheet HTML 11Page - ams AG AS8220A Datasheet HTML 12Page - ams AG AS8220A Datasheet HTML 13Page - ams AG AS8220A Datasheet HTML 14Page - ams AG AS8220A Datasheet HTML 15Page - ams AG AS8220A Datasheet HTML 16Page - ams AG AS8220A Datasheet HTML 17Page - ams AG AS8220A Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
www.austriamicrosystems.com
Revision 17920-001-10a
13 - 33
AS8220A
Objective Data Sheet - Detailed Description
NORMAL mode
In this mode the transceiver is able to send and receive data signals on the bus. TxEN and BGE control the state of the
transmitter. RxD reflects the bus data and reflect the bus state. In this mode, the transmitter state can be selected as
shown in the Table 5. In case the over-temperature flag is set the transmitter is disabled. The bus wires are terminated
to VCC/2 via receiver input resistances.
Table 5. Transmitter State
BGE
TxEN
TxD
Transmitter state
Bus State
If the differential bus voltage is higher than VBUSActivehigh or lower than VBUSActivelow for a time longer than tBUSAc-
tivityDetection, then activity is detected on the bus (Bus = active), RxD is released.
If, after the activity detection, the differential bus voltage is higher than VData1, RxD is high.
If, after the activity detection, the differential bus voltage is lover than VData0, RxD is low.
If the absolute differential bus voltage is lower than VBUSActivehigh and higher than VBUSActivelow for a time longer
than tBUSIdleDetection, then idle is detected on the bus (Bus=idle), RxD is switched to logical “high”
STANDBY mode
In this mode the transceiver is not able to send and receive data signals from the bus. The power consumption is
significantly reduced respect the NORMAL mode. The bus wires are terminated to GND (bus state: Idle_LP).
Non Operating Mode
The AS8220A provides the following non operating mode:
Power Off
In this mode the transceiver is not able to operate. RxD is set to high and ERRN is set to low. The bus wires are not
connected to GND (bus state: Idle_HZ).
Undervoltage Events
Undervoltage VIO
When VIO voltage falls below VIOTHL for a time longer than tUV_DETECT then the undervoltage VIO flag is set and it is
reset when VIO exceeds the voltage threshold VIOTHH for a time longer than tUV_REC. The flag can be set or reset in all
the operation modes. The flag is reset at power off.
Undervoltage VCC
When VCC voltage falls below VCCTHL for a time longer than tUV_DETECT then the undervoltage VCC flag is set and it is
reset when VCC exceeds the voltage threshold VCCTHH for a time longer than tUV_REC. The flag can be set or reset in
all the operation modes. The flag is reset at power off.
H
L
H
Enabled
Data1 (BP is driven high, BM is driven low)
H
L
L
Enabled
Data0 (BP is driven low, BM is driven High)
X
H
X
Disabled
Idle (BP and BM are not driven)
L
X
X
Disabled
Idle (BP and BM are not driven)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com