Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8220A Datasheet(PDF) 23 Page - ams AG

Part # AS8220A
Description  FlexRay Basis Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8220A Datasheet(HTML) 23 Page - ams AG

Back Button AS8220A Datasheet HTML 19Page - ams AG AS8220A Datasheet HTML 20Page - ams AG AS8220A Datasheet HTML 21Page - ams AG AS8220A Datasheet HTML 22Page - ams AG AS8220A Datasheet HTML 23Page - ams AG AS8220A Datasheet HTML 24Page - ams AG AS8220A Datasheet HTML 25Page - ams AG AS8220A Datasheet HTML 26Page - ams AG AS8220A Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
www.austriamicrosystems.com
Revision 17920-001-10a
22 - 33
AS8220A
Objective Data Sheet - Detailed Description
Receiver test signal
Figure 15. Receiver test signal
22 ns
22 ns
tBIT
tBUS_RxD01
tBUS_RxD10
VBUS
RxD
tBUS_RxD10
VBUS
RxD
22 ns
22 ns
400 mV
300 mV
-300 mV
-400 mV
400 mV
300 mV
-300 mV
-400 mV
tBIT
tBUS_RxD01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com