Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01A-10PC Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT24C01A-10PC
Description  2-Wire Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01A-10PC Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT24C01A-10PC Datasheet HTML 10Page - ATMEL Corporation AT24C01A-10PC Datasheet HTML 11Page - ATMEL Corporation AT24C01A-10PC Datasheet HTML 12Page - ATMEL Corporation AT24C01A-10PC Datasheet HTML 13Page - ATMEL Corporation AT24C01A-10PC Datasheet HTML 14Page - ATMEL Corporation AT24C01A-10PC Datasheet HTML 15Page - ATMEL Corporation AT24C01A-10PC Datasheet HTML 16Page - ATMEL Corporation AT24C01A-10PC Datasheet HTML 17Page - ATMEL Corporation AT24C01A-10PC Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
AT24C01A/02/04/08A/16A
0180V–SEEPR–8/05
Notes:
1. For 2.7V devices used in the 4.5V to 5.5V range, please refer to performance values in the AC and DC characteristics table.
2. “U” designates Green Package + RoHS compliant.
3. Available in waffle pack and wafer form; order as SL719 for wafer form. Bumped die available upon request. Please contact
Serial EEPROM Marketing.
AT24C02 Ordering Information(1)
Ordering Code
Package
Operation Range
AT24C02-10PI-2.7
AT24C02N-10SI-2.7
AT24C02-10TI-2.7
8P3
8S1
8A2
Industrial Temperature
(–40
°C to 85°C)
AT24C02-10PI-1.8
AT24C02N-10SI-1.8
AT24C02-10TI-1.8
8P3
8S1
8A2
Industrial Temperature
(–40
°C to 85°C)
AT24C02-10PU-2.7(2)
AT24C02-10PU-1.8(2)
AT24C02N-10SU-2.7(2)
AT24C02N-10SU-1.8(2)
AT24C02-10TU-2.7(2)
AT24C02-10TU-1.8(2)
AT24C02Y1-10YU-1.8(2)
AT24C02-10TSU-1.8(2)
AT24C02U3-10UU-1.8(2)
8P3
8P3
8S1
8S1
8A2
8A2
8Y1
5TS1
8U3-1
Lead-free/Halogen-free/
Industrial Temperature
(–40
°C to 85°C)
AT24C02-W2.7-11(3)
AT24C02-W1.8-11(3)
Die Sale
Die Sale
Industrial Temperature
(–40
°C to 85°C)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8A2
8-lead, 4.4 mm Body, Plastic Thin Shrink Small Outline Package (TSSOP)
8Y1
8-lead, 4.90 mm x 3.00 mm Body, Dual Footprint, Non-leaded, Miniature Array Package (MAP)
5TS1
5-lead, 2.90 mm x 1.60 mm Body, Plastic Thin Shrink Small Outline Package (SOT23)
8U3-1
8-ball, die Ball Grid Away Package (dBGA2)
Options
–2.7
Low-voltage (2.7V to 5.5V)
–1.8
Low-voltage (1.8V to 5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com