Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01A-10PC Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT24C01A-10PC
Description  2-Wire Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01A-10PC Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT24C01A-10PC Datasheet HTML 16Page - ATMEL Corporation AT24C01A-10PC Datasheet HTML 17Page - ATMEL Corporation AT24C01A-10PC Datasheet HTML 18Page - ATMEL Corporation AT24C01A-10PC Datasheet HTML 19Page - ATMEL Corporation AT24C01A-10PC Datasheet HTML 20Page - ATMEL Corporation AT24C01A-10PC Datasheet HTML 21Page - ATMEL Corporation AT24C01A-10PC Datasheet HTML 22Page - ATMEL Corporation AT24C01A-10PC Datasheet HTML 23Page - ATMEL Corporation AT24C01A-10PC Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
AT24C01A/02/04/08A/16A
0180V–SEEPR–8/05
8Y1 – MAP
A
–
–
0.90
A1
0.00
–
0.05
D
4.70
4.90
5.10
E
2.80
3.00
3.20
D1
0.85
1.00
1.15
E1
0.85
1.00
1.15
b
0.25
0.30
0.35
e
0.65 TYP
L
0.50
0.60
0.70
PIN 1 INDEX AREA
D
E
A
A1
b
8
7
6
e
5
L
D1
E1
PIN 1 INDEX AREA
1
2
3
4
A
Top View
End View
Bottom View
Side View
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
8Y1, 8-lead (4.90 x 3.00 mm Body) MSOP Array Package
(MAP) Y1
C
8Y1
2/28/03
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com