Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5687IPZP Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 60 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 56Page - Texas Instruments DAC5687IPZP Datasheet HTML 57Page - Texas Instruments DAC5687IPZP Datasheet HTML 58Page - Texas Instruments DAC5687IPZP Datasheet HTML 59Page - Texas Instruments DAC5687IPZP Datasheet HTML 60Page - Texas Instruments DAC5687IPZP Datasheet HTML 61Page - Texas Instruments DAC5687IPZP Datasheet HTML 62Page - Texas Instruments DAC5687IPZP Datasheet HTML 63Page - Texas Instruments DAC5687IPZP Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 79 page
background image
www.ti.com
Location of the Spurious Signals
fSIG/fDAC
−0.5
−0.4
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.1
0.2
0.3
0.4
0.5
G026
fSIG
fSIG − fDAC/2
(a) Complex Output in X2 Mode
(b) Real Output in X2 Mode
fSIG/fDAC
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.0
0.1
0.2
0.3
0.4
0.5
G027
fSIG
fSIG − fDAC/2
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
To calculate the nonharmonic clock-related spurious signals for a particular condition, we first determine the
location of the spurious signals and then the amplitude.
The location of the spurious signals is determined by the DAC5687 output frequency (fSIG) and whether the
output is used as a dual-output complex signal to be fed to an analog quadrature modulator (AQM) or as a real
IF signal from a single DAC output.
Figure 70 shows the location of spurious signals for X2 mode as a function of fSIG/fDAC. For complex outputs, the
spurious frequencies cover a range of –0.5
× f
DAC to 0.5 × fDAC, with the negative complex frequency indicating
that the spurious signal falls in the opposite sideband from the wanted signal at the output of the AQM. For the
real output, the phase information for the spurious signal is lost, and therefore what was a negative frequency for
the complex output is a positive frequency for a real output.
For the X2 mode, there is one spurious frequency with an absolute frequency less than 0.5
× f
DAC. For a complex
output in X2 mode, the spurious signal always is offset fDAC/2 from the wanted signal at fSIG – fDAC/2. For a real
output, as fSIG approaches fDAC/4, the spurious signal frequency falls at fDAC/2 – fSIG, which also approaches
fDAC/4.
Figure 70. Frequency of Clock Mixing Spurious Images in X2 Mode
Figure 71 shows the location of spurious signals for X4 and X4L mode as a function of fSIG/fDAC. The addition of
the fDAC/4 clock frequency for the first interpolation filter creates three new spurious signals. For a complex
output, the nearest spurious signals are fDAC/4 offset from fSIG. For a real output, the signal due to fSIG – fDAC/4
and fSIG – fDAC × 3/4 falls in band as fSIG approaches fDAC/8 and fDAC × 3/8. This creates optimum real output
frequencies fSIG = fDAC × N/16 (N = 1, 3, 5, and 7), where the minimum spurious product offset from fSIG is fDAC/8.
60
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com