Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5687IPZP Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 61 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 57Page - Texas Instruments DAC5687IPZP Datasheet HTML 58Page - Texas Instruments DAC5687IPZP Datasheet HTML 59Page - Texas Instruments DAC5687IPZP Datasheet HTML 60Page - Texas Instruments DAC5687IPZP Datasheet HTML 61Page - Texas Instruments DAC5687IPZP Datasheet HTML 62Page - Texas Instruments DAC5687IPZP Datasheet HTML 63Page - Texas Instruments DAC5687IPZP Datasheet HTML 64Page - Texas Instruments DAC5687IPZP Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 79 page
background image
www.ti.com
(a) Complex Output in X4 and X4L Modes
(b) Real Output in X4 and X4L Modes
fSIG/fDAC
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.1
0.2
0.3
0.4
0.5
G028
fSIG − fDAC*3/4
fSIG − fDAC/2
fSIG − fDAC/4
fSIG + fDAC/4
fSIG
fSIG/fDAC
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.0
0.1
0.2
0.3
0.4
0.5
G029
fSIG + fDAC/4
fSIG − fDAC*3/4
fSIG − fDAC/4
fSIG
fSIG − fDAC/2
(a) Complex Output in X8 Mode
(b) Real Output in X8 Mode
fSIG/fDAC
−0.5
−0.4
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.1
0.2
0.3
0.4
0.5
G030
fSIG + fDAC/4
fSIG − fDAC*3/4
fSIG − fDAC/4
fSIG − fDAC/2
fSIG − fDAC*7/8
fSIG
fSIG − fDAC/8
fSIG + fDAC/8
fSIG/fDAC
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.0
0.1
0.2
0.3
0.4
0.5
G031
fSIG − fDAC/4
fSIG − fDAC*7/8
fSIG − fDAC/2
fSIG + fDAC/4
fSIG + fDAC/8
fSIG
fSIG − fDAC/8
fSIG − fDAC*3/4
Amplitude of the Spurious Signals
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
Figure 71. Frequency of Clock Mixing Spurious Images in X4 and X4L Modes
Figure 72 shows the location of spurious signals for X8 mode as a function of fSIG/fDAC. The addition of the fDAC/8
clock frequency for the first interpolation filter creates four new spurious signals. For a complex output, the
nearest spurious signals are fDAC/8 offset from fSIG. For a real output, the optimum real output frequencies fSIG =
fDAC × N/16 (N = 3 and 5), where the minimum spurious product offset from fSIG is fDAC/8.
Figure 72. Frequency of Clock Mixing Spurious Images in X8 Mode
The spurious signal amplitude is sensitive to factors such as temperature, voltage, and process. The following
typical worst-case estimates to account for the variation over these factors are provided as design guidelines.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com