Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25128 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT25128
Description  SPI Serial E2PROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25128 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT25128 Datasheet HTML 1Page - ATMEL Corporation AT25128 Datasheet HTML 2Page - ATMEL Corporation AT25128 Datasheet HTML 3Page - ATMEL Corporation AT25128 Datasheet HTML 4Page - ATMEL Corporation AT25128 Datasheet HTML 5Page - ATMEL Corporation AT25128 Datasheet HTML 6Page - ATMEL Corporation AT25128 Datasheet HTML 7Page - ATMEL Corporation AT25128 Datasheet HTML 8Page - ATMEL Corporation AT25128 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(continued)
AC Characteristics
Applicable over recommended operating range from TA = -40°C to +85°C, VCC = As Specified,
CL = 1 TTL Gate and 100 pF (unless otherwise noted).
Symbol
Parameter
Voltage
Min
Max
Units
fSCK
SCK Clock Frequency
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
0
0
0
2.1
2.1
0.5
MHz
tRI
Input Rise Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
2
2
2
µs
tFI
Input Fall Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
2
2
2
µs
tWH
SCK High Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
200
300
800
ns
tWL
SCK Low Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
200
200
800
ns
tCS
CS High Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
250
250
1000
ns
tCSS
CS Setup Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
250
250
1000
ns
tCSH
CS Hold Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
250
250
1000
ns
tSU
Data In Setup Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
50
50
100
ns
tH
Data In Hold Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
50
50
100
ns
tHD
Hold Setup Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
100
100
400
ns
tCD
Hold Hold Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
100
100
400
ns
tV
Output Valid
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
0
0
0
200
200
800
ns
tHO
Output Hold Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
0
0
0
ns
tLZ
Hold to Output Low Z
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
0
0
0
100
100
100
ns
4
AT25128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com