Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25128 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT25128
Description  SPI Serial E2PROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25128 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT25128 Datasheet HTML 2Page - ATMEL Corporation AT25128 Datasheet HTML 3Page - ATMEL Corporation AT25128 Datasheet HTML 4Page - ATMEL Corporation AT25128 Datasheet HTML 5Page - ATMEL Corporation AT25128 Datasheet HTML 6Page - ATMEL Corporation AT25128 Datasheet HTML 7Page - ATMEL Corporation AT25128 Datasheet HTML 8Page - ATMEL Corporation AT25128 Datasheet HTML 9Page - ATMEL Corporation AT25128 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Serial Interface Description
MASTER:
The device that generates the serial clock.
SLAVE:
Because the Serial Clock pin (SCK) is always
an input, the AT25128 always operates as a slave.
TRANSMITTER/RECEIVER: The
A T 2 5128
has
separate pins designated for data transmission (SO) and
reception (SI).
MSB:
The Most Significant Bit (MSB) is the first bit
transmitted and received.
SERIAL OP-CODE:
After the device is selected with CS
going low, the first byte will be received. This byte contains
the op-code that defines the operations to be performed.
INVALID OP-CODE:
If an invalid op-code is received,
no data will be shifted into the AT25128, and the serial
output pin (SO) will remain in a high impedance state until
the falling edge of CS is detected again. This will reinitial-
ize the serial communication.
CHIP SELECT:
The AT25128 is selected when the CS
pin is low. When the device is not selected, data will not be
accepted via the SI pin, and the serial output pin (SO) will
remain in a high impedance state.
HOLD:
The HOLD pin is used in conjunction with the CS
pin to select the AT25128. When the device is selected
and a serial sequence is underway, HOLD can be used to
pause the serial communication with the master device
without resetting the serial sequence. To pause, the
HOLD pin must be brought low while the SCK pin is low.
To resume serial communication, the HOLD pin is brought
high while the SCK pin is low (SCK may still toggle during
HOLD). Inputs to the SI pin will be ignored while the SO
pin is in the high impedance state.
WRITE PROTECT:
The write protect pin (WP) will allow
normal read/write operations when held high. When the
WP pin is brought low and WPEN bit is “1", all write opera-
tions to the status register are inhibited. WP going low
while CS is still low will interrupt a write to the status reg-
ister. If the internal write cycle has already been initiated,
WP going low will have no effect on any write operation to
the status register. The WP pin function is blocked when
the WPEN bit in the status register is ”0". This will allow the
user to install the AT25128 in a system with the WP pin
tied to ground and still be able to write to the status regis-
ter. All WP pin functions are enabled when the WPEN bit
is set to “1".
SPI Serial Interface
6
AT25128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com