Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2560 Datasheet(PDF) 2 Page - ams AG

Part # TSL2560
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2560 Datasheet(HTML) 2 Page - ams AG

  TSL2560 Datasheet HTML 1Page - ams AG TSL2560 Datasheet HTML 2Page - ams AG TSL2560 Datasheet HTML 3Page - ams AG TSL2560 Datasheet HTML 4Page - ams AG TSL2560 Datasheet HTML 5Page - ams AG TSL2560 Datasheet HTML 6Page - ams AG TSL2560 Datasheet HTML 7Page - ams AG TSL2560 Datasheet HTML 8Page - ams AG TSL2560 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
TSL2560, TSL2561
LIGHT-TO-DIGITAL CONVERTER
TAOS059Q − NOVEMBER 2009
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2009, TAOS Inc.
www.taosinc.com
D Approximates Human Eye Response
D Programmable Interrupt Function with
User-Defined Upper and Lower Threshold
Settings
D 16-Bit Digital Output with SMBus (TSL2560)
at 100 kHz or I2C (TSL2561) Fast-Mode at
400 kHz
D Programmable Analog Gain and Integration
Time Supporting 1,000,000-to-1 Dynamic
Range
D Automatically Rejects 50/60-Hz Lighting
Ripple
D Low Active Power (0.75 mW Typical) with
Power Down Mode
D RoHS Compliant
Description
The TSL2560 and TSL2561 are light-to-digital
converters that transform light intensity to a digital
signal output capable of direct I2C (TSL2561) or
SMBus (TSL2560) interface. Each device com-
bines one broadband photodiode (visible plus
infrared) and one infrared-responding photodiode
on a single CMOS integrated circuit capable of
providing a near-photopic response over an
effective 20-bit dynamic range (16-bit resolution).
Two integrating ADCs convert the photodiode
currents to a digital output that represents the
irradiance measured on each channel. This digital
output can be input to a microprocessor where
illuminance (ambient light level) in lux is derived
using an empirical formula to approximate the
human eye response. The TSL2560 device
permits an SMB-Alert style interrupt, and the
TSL2561 device supports a traditional level style
interrupt that remains asserted until the firmware
clears it.
While useful for general purpose light sensing applications, the TSL2560/61 devices are designed particularly
for display panels (LCD, OLED, etc.) with the purpose of extending battery life and providing optimum viewing
in diverse lighting conditions. Display panel backlighting, which can account for up to 30 to 40 percent of total
platform power, can be automatically managed. Both devices are also ideal for controlling keyboard illumination
based upon ambient lighting conditions. Illuminance information can further be used to manage exposure
control in digital cameras. The TSL2560/61 devices are ideal in notebook/tablet PCs, LCD monitors, flat-panel
televisions, cell phones, and digital cameras. In addition, other applications include street light control, security
lighting, sunlight harvesting, machine vision, and automotive instrumentation clusters.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
6 SDA
5 INT
4 SCL
PACKAGE T
6-LEAD TMB
(TOP VIEW)
VDD 1
ADDR SEL 2
GND 3
PACKAGE CS
6-LEAD CHIPSCALE
(TOP VIEW)
VDD 1
ADDR SEL 2
GND 3
6 SDA
5 INT
4 SCL
Package Drawings are Not to Scale
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)
6 SDA
5 INT
4 SCL
VDD 1
ADDR SEL 2
GND 3
PACKAGE CL
6-LEAD ChipLED
(TOP VIEW)
4 SCL
3 ADDR SEL
2 GND
SDA 5
INT 6
VDD 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com