Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2560 Datasheet(PDF) 21 Page - ams AG

Part # TSL2560
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2560 Datasheet(HTML) 21 Page - ams AG

Back Button TSL2560 Datasheet HTML 17Page - ams AG TSL2560 Datasheet HTML 18Page - ams AG TSL2560 Datasheet HTML 19Page - ams AG TSL2560 Datasheet HTML 20Page - ams AG TSL2560 Datasheet HTML 21Page - ams AG TSL2560 Datasheet HTML 22Page - ams AG TSL2560 Datasheet HTML 23Page - ams AG TSL2560 Datasheet HTML 24Page - ams AG TSL2560 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
TSL2560, TSL2561
LIGHT-TO-DIGITAL CONVERTER
TAOS059Q − NOVEMBER 2009
20
r
r
Copyright
E 2009, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
APPLICATION INFORMATION: SOFTWARE
Configuring the Timing Register
The command, timing, and control registers are initialized to default values on power up. Setting these registers
to the desired values would be part of a normal initialization or setup procedure. In addition, to maximize the
performance of the device under various conditions, the integration time and gain may be changed often during
operation. The following pseudo code illustrates a procedure for setting up the timing register for various
options:
// Set up Timing Register
//Low Gain (1x), integration time of 402ms (default value)
Address = 0x39
Command = 0x81
Data = 0x02
WriteByte(Address, Command, Data)
//Low Gain (1x), integration time of 101ms
Data = 0x01
WriteByte(Address, Command, Data)
//Low Gain (1x), integration time of 13.7ms
Data = 0x00
WriteByte(Address, Command, Data)
//High Gain (16x), integration time of 101ms
Data = 0x11
WriteByte(Address, Command, Data)
//Read data registers (see Basic Operation example)
//Perform Manual Integration
//Set up for manual integration with Gain of 1x
Data = 0x03
//Set manual integration mode – device stops converting
WriteByte(Address, Command, Data)
//Begin integration period
Data = 0x0B
WriteByte(Address, Command, Data)
//Integrate for 50ms
Sleep (50)
//Wait for 50ms
//Stop integrating
Data = 0x03
WriteByte(Address, Command, Data)
//Read data registers (see Basic Operation example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com