Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2591 Datasheet(PDF) 14 Page - ams AG

Part # TSL2591
Description  very-high sensitivity light-to-digital
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2591 Datasheet(HTML) 14 Page - ams AG

Back Button TSL2591 Datasheet HTML 10Page - ams AG TSL2591 Datasheet HTML 11Page - ams AG TSL2591 Datasheet HTML 12Page - ams AG TSL2591 Datasheet HTML 13Page - ams AG TSL2591 Datasheet HTML 14Page - ams AG TSL2591 Datasheet HTML 15Page - ams AG TSL2591 Datasheet HTML 16Page - ams AG TSL2591 Datasheet HTML 17Page - ams AG TSL2591 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
TSL2591 – 14
Datasheet - Apr. 2013 - ams163.5
The ALS interrupt threshold registers provide the values to be
used as the high and low trigger points for the comparison
function for interrupt generation. If C0DATA crosses below the
low threshold specified, or above the higher threshold, an
interrupt is asserted on the interrupt pin.
If the C0DATA exceeds the persist thresholds (registers: 0x04 –
0x07) for the number of persist cycles configured in the PERSIST
register an interrupt will be triggered. If the C0DATA exceeds
the no-persist thresholds (registers: 0x08 – 0x0B) an interrupt
will be triggered immediately following the end of the current
integration.
Note that while the interrupt is observable in the STATUS
register (0x13), it is visible only on the INT pin when AIEN or
NPIEN are enabled in the ENABLE register (0x00).
Upon power up, the interrupt threshold registers default to
0x00.
Register
Address
Bits
Description
AILTL
0x04
7:0
ALS low threshold lower byte
AILTH
0x05
7:0
ALS low threshold upper byte
AIHTL
0x06
7:0
ALS high threshold lower byte
AIHTH
0x07
7:0
ALS high threshold upper byte
NPAILTL
0x08
7:0
No Persist ALS low threshold lower byte
NPAILTH
0x09
7:0
No Persist ALS low threshold upper byte
NPAIHTL
0x0A
7:0
No Persist ALS high threshold lower byte
NPAIHTH
0x0B
7:0
No Persist ALS high threshold upper byte
ALS Interrupt Threshold Register
(0x04 − 0x0B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com