Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2591 Datasheet(PDF) 4 Page - ams AG

Part # TSL2591
Description  very-high sensitivity light-to-digital
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2591 Datasheet(HTML) 4 Page - ams AG

  TSL2591 Datasheet HTML 1Page - ams AG TSL2591 Datasheet HTML 2Page - ams AG TSL2591 Datasheet HTML 3Page - ams AG TSL2591 Datasheet HTML 4Page - ams AG TSL2591 Datasheet HTML 5Page - ams AG TSL2591 Datasheet HTML 6Page - ams AG TSL2591 Datasheet HTML 7Page - ams AG TSL2591 Datasheet HTML 8Page - ams AG TSL2591 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TSL2591 – 4
Datasheet - Apr. 2013 - ams163.5
Figure TSL2591 – 5:
Ordering Information
*Contact factory for availability.
Notes:
1. All products are RoHS compliant and ams green.
2. Buy our products or get free samples online at www.ams.com/ICdirect
3. Technical Support is available at www.ams.com/Technical-Support
4. For further information and requests, email us at sales@ams.com
5. (or) find your local distributor at www.ams.com/distributor
6. Please contact ams for alternate address device availability.
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these
or any other conditions beyond those indicated under
“Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure TSL2591 – 6:
Absolute Maximum Ratings
Ordering Code
Address
Interface
Delivery form
TSL25911FN
0x29
I2C Vbus = VDD Interface
ODFN-6
TSL25913FN*
0x29
I2C Vbus = 1.8V
ODFN-6
Parameter
Min
Max
Units
Comments
Supply voltage, VDD
3.8
V
All voltages are with respect to GND
Input terminal voltage
-0.5
3.8
V
Output terminal voltage
-0.5
3.8
V
Output terminal current
-1
20
mA
Storage temperature range, Tstg
-40
85
ºC
ESD tolerance, human body model
2000
V
Ordering Information
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com