Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6004B Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # K6004B
Description  MMVP Series Micro Video Patchbays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K6004B Datasheet(HTML) 1 Page - Switchcraft, Inc.

  K6004B Datasheet HTML 1Page - Switchcraft, Inc. K6004B Datasheet HTML 2Page - Switchcraft, Inc. K6004B Datasheet HTML 3Page - Switchcraft, Inc. K6004B Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMVP Series Micro Video Patchbays
The MMVP Series provides the highest level of density for
SMPTE 424M video and AES/EBU digital audio patching...
48 channels (96 patch-points) in a 1RU 19” rack space.
Based on the patented, proven design of our MVJ MidSize video
jack, the all metal, screw-in jack provides complete stability and
durability in even the most extreme applications, including mobile
production. The MMVP jack is rated at 3GHz and meets SMPTE
424M specifications. Industry standard DIN 1.0 / 2.3 rear
termination makes installation easy and eliminates the need for
proprietary connectors or special tooling.
Each patchbay jack can be color coded using our new color chips.
Each chip snaps into the front panel, providing instant channel
identification. Additionally, snap-in posts on either side of the
designation strips secure designation labeling.
The MMVP Series is available in 1RU and 2RU heights for
greater flexibility. 2RU versions are available with two rows of
jacks (4x48 density). All versions are available normalled,
non-normalled, 75 Ohm terminated or non-terminated. Contact
Switchcraft® for custom options.
Features
-Based on the proven, reliable,
patented technology of our MVJ
Series of HD video jacks.
-Screw in, all metal jack design
withstands vibration in mobile
applications.
-Rated at 3GHz - meets
SMPTE 424M specifications
for HD patching.
Now available with
channel marking color
chips - sold separately
MMVP48K175T
-1RU / 96 Patch-points
-Fully Normalled
-75 Ohm Terminated
-Designation strip height: .380”
®
Switchcraft
MMVP Micro Video Patchbays
Switchcraft®
www.switchcraft.com
New Product Bulletin #580
®
Made in USA
sales@switchcraft.com 773-792-2700


Similar Part No. - K6004B

ManufacturerPart #DatasheetDescription
logo
StarHope
K600 SPSEMI-K600 Datasheet
1Mb / 2P
Radial leaded Devices
logo
Sensata Technologies, I...
K600 SENSATA-K600 Datasheet
1Mb / 4P
PLATFORM CONTROL SYSTEM FOR BATTERY POWERED SCISSOR LIFT
logo
StarHope
K600-110U SPSEMI-K600-110U Datasheet
1Mb / 2P
Radial leaded Devices
K600-150U SPSEMI-K600-150U Datasheet
1Mb / 2P
Radial leaded Devices
K600-160U SPSEMI-K600-160U Datasheet
1Mb / 2P
Radial leaded Devices
More results

Similar Description - K6004B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN2210S ETC-AN2210S Datasheet
307Kb / 5P
Video Camera Video Output Circuit
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
logo
Texas Instruments
RI-STU-MRD1 TI-RI-STU-MRD1 Datasheet
92Kb / 3P
SERIES 2000 MICRO READER
logo
Switchcraft, Inc.
EH35MMMSC SWITCH-EH35MMMSC Datasheet
875Kb / 4P
EH Series Audio/Video/Data CONNECTORS
MT48 SWITCH-MT48 Datasheet
216Kb / 1P
PATCHBAYS
TT96EDACNS SWITCH-TT96EDACNS Datasheet
123Kb / 1P
PATCHBAYS EDAC Series
VJHD75TZ SWITCH-VJHD75TZ Datasheet
585Kb / 2P
Video Patchbay Series
logo
Texas Instruments
RI-STU-MRD1 TI-RI-STU-MRD1_09 Datasheet
118Kb / 4P
SERIES 2000 MICRO READER
logo
Banner Engineering Corp...
VSM BANNER-VSM Datasheet
656Kb / 7P
VSM Series Micro Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com