Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6004B Datasheet(PDF) 4 Page - Switchcraft, Inc.

Part # K6004B
Description  MMVP Series Micro Video Patchbays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K6004B Datasheet(HTML) 4 Page - Switchcraft, Inc.

  K6004B Datasheet HTML 1Page - Switchcraft, Inc. K6004B Datasheet HTML 2Page - Switchcraft, Inc. K6004B Datasheet HTML 3Page - Switchcraft, Inc. K6004B Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MMVP Series Patchcords
MMVPTL
The MMVPTL insertion / withdrawal tool is 16” long
and allows easy access to the DIN 1.0/2.3
connectors on the back of the patchbay,
making setup and modification
fast and easy.
DIN 1.0/2.3 Connectors
Our DIN 1.0/2.3 connectors utilize a unique push/pull lock and release
feature, simplifying installation and modification. They are 75 Ohm
rated, compatible with the most widely used cable sizes, and
can be terminated using a standard BNC crimp tool.
DIN1855A
Compatible with Belden 1855A
DIN179DT
Compatible with Belden 179DT
DIN1505A
Compatible with Belden 1505A
DIN1694A
Compatible with Belden 1694A
Part Numbers
DIN 1.0/2.3 Insertion / Withdrawal Tool
MMVP Series patchcords are perfect for the most critical HD video and AES/EBU digital
audio patching applications. They are available in a wide variety of lengths and
colors. Each patchcord is assembled using premium, low loss cabling
and a rugged overmolded strain relief for long lasting dependability.
DIN1855A
VMMP2BK
Part Number Configurator
Plug Type
Color Code
VMMP
+
+
1-10 Ft.
Color: BK = Black
R = Red
O = Orange
GN = Green
BL = Blue
GY = Gray
Y = Yellow
®
Switchcraft
MMVP Micro Video Patchbays
Switchcraft®
www.switchcraft.com
New Product Bulletin #580
®
Made in USA
sales@switchcraft.com 773-792-2700



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com