Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9422CSF50 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # 9422CSF50
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF50 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button 9422CSF50 Datasheet HTML 28Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 29Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 30Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 31Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 32Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 33Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 34Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 35Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
For other versions, please consult with your local Schneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/31
5
3-pole reversing contactors and
reversing starters, open style
(1) Standard control circuit voltages:
Volts
24
110
120
208
220
50 Hz
–
V02
–
–
V03
60 Hz
V01 (4) –
V02
V08
–
Volts
240
380
440
480
600
50 Hz
–
V05
V06
–
–
60 Hz
V03
–
–
V06
V07
For 24 V and 120 V coils add the letter “S” for separate control. Example: 8702SAO4 V01S .
Type
Rever sing contactors
Re versing starters
3-pole, open style
3-pole , open style
Characteristics
NEMA Standard power ratings
Maximum Basic catalog number complete with code
Basic catalog n umber complete with code
size
of 3-phase motors 50/60 Hz
continuous indicating control circuit voltage (1)
indicating control circuit voltage (1)
current and optional Forms (2)
optional Forms (2) and “H” code (3)
Motor voltage
200 V
230 V
460 V
575 V
Hp kW
Hp kW
Hp kW
Hp kW
A Ver tical
Side by side
Vertical
Side by side
00
1.5 1.1
1.5 1.1
2
1.5
2
1.5
9 –
8702SAO4
ppp
ppp
ppp
ppp
ppp
–
8736SAO16
ppp
ppp
ppp
ppp
ppp
0
3
2.2
3
2.2
5
3.7
5
3.7
18 8702SBO12
ppp
ppp
ppp
ppp
ppp
8702SBO4
ppp
ppp
ppp
ppp
ppp
8736SBO10
ppp
ppp
ppp
ppp
ppp
8736SBO4
ppp
ppp
ppp
ppp
ppp
1
7.5 5.5
7.5 5.5
10 7.5
10 7.5
27 8702SCO7
ppp
ppp
ppp
ppp
ppp
8702SCO8
ppp
ppp
ppp
ppp
ppp
8736SCO7
ppp
ppp
ppp
ppp
ppp
8736SCO8
ppp
ppp
ppp
ppp
ppp
2
10 7.5
15 11
25 18.5
25 18.5
45 8702SDO1
ppp
ppp
ppp
ppp
ppp
8702SDO2
ppp
ppp
ppp
ppp
ppp
8736SDO1
ppp
ppp
ppp
ppp
ppp
8736SDO2
ppp
ppp
ppp
ppp
ppp
3
25 18.5
30 22
50 37
50 37
90 8702SEO1
ppp
ppp
ppp
ppp
ppp
8702SEO2
ppp
ppp
ppp
ppp
ppp
8736SEO1
ppp
ppp
ppp
ppp
ppp
8736SEO2
ppp
ppp
ppp
ppp
ppp
4
40 30
50 37
100 75
100 75
135 8702SFO1
ppp
ppp
ppp
ppp
ppp
8702SFO3
ppp
ppp
ppp
ppp
ppp
8736SFO1
ppp
ppp
ppp
ppp
ppp
8736SFO3
ppp
ppp
ppp
ppp
ppp
5
75 55
100 75
200 150
200 150
270 8702SGO1
ppp
ppp
ppp
ppp
ppp
8702SGO3
ppp
ppp
ppp
ppp
ppp
8736SGO1
ppp
ppp
ppp
ppp
ppp
8736SGO3
ppp
ppp
ppp
ppp
ppp
6
150 110
200 150
400 300
400 300
540 –
8702SHO1
ppp
ppp
ppp
ppp
ppp
–
8736SHO1
ppp
ppp
ppp
ppp
ppp
7
–
–
300 220
600 450
600 450
810 –
8702SJO1
ppp
ppp
ppp
ppp
ppp
–
8736SJO1
ppp
ppp
ppp
ppp
ppp
(2) For optional Forms, please consult your nearest Square D/Schneider Electric sales office.
(3) Add the letter “H” for Solid State Overload Relays, see tables below.
(4) 24 V coil is not available for sizes 4 to 7. Available f or sizes 00–3, specify the letter “S” for separate control.
Solid State Overload Relays
Form adders
Motor Logic® PLUS solid state relays
Motor Logic® PLUS solid state relays
200 to 480 V
600 V
Suffix to be added
Suffix to be ad ded
Current range
to the starter catalog number (7)
to the starter catalog number (7)
0.5–2.3 A
B20
B24
2–9 A
B30
B34
6–27 A
B40
B44
10–45 A
B50
B54
20–90 A
B60
B64
60–135 A
B70
B74
120–270 A
B80
B84
240–540 A
B90
B94
(7) Example: 8536SAO12V01B20.
For additional information, reference catalog 8502CT9701.
NEMA Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com