Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9422CSF50 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # 9422CSF50
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF50 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button 9422CSF50 Datasheet HTML 35Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 36Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 37Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 38Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 39Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 40Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 41Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 42Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
For other versions, please consult with your localSchneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/38
5
Definite purpose contactors
Compact contactors,
single-pole and 2-pole
NEMA Type
Type
Compact contactors
Compact contactors
single-pole
2-pole (3)
Full
Locked rotor
Resistive Motor power
N.O. poles
Basic catalog number
Basic catalog number
load
current
load
115 V
230 V
230 V460/575V
complete with code
complete with code
current
277 V 480 V 575 V
current
single-phase single-phase 3-phase
3-phase
indicating control
indicating control
circuit voltage (1)
circuit voltage (1)
AA
A
A
A
Hp
kW
Hp
kW
Hp
kW
Hp
kW
20
100
100
80
25
1
0.75
2
1.5
–
–
–
–1 or 2
8910DP11
ppp
ppp
ppp
ppp
ppp
8910DP12
ppp
ppp
ppp
ppp
ppp
25
125
125
100
30
2
1.5
3
2.2
–
–
–
–1 or 2
8910DP21
ppp
ppp
ppp
ppp
ppp
8910DP22
ppp
ppp
ppp
ppp
ppp
30
150
150
120
40
2
1.5
(1)
(1)
–
–
–
–1 or 2
8910DP31
ppp
ppp
ppp
ppp
ppp
8910DP32
ppp
ppp
ppp
ppp
ppp
40
240
200
160
50 (2)
2
1.5
5
3.7
–
–
–
–1 or 2
8910DP41
ppp
ppp
ppp
ppp
ppp
8910DP42
ppp
ppp
ppp
ppp
ppp
(1) 3 hp (2.2 kW) for 1-pole device; 5 hp (3.7 kW) for 2-pole device.
2, 3 and 4-pole,
contactors
Type
2, 3 and 4-pole,
contactors (3)
Full
Locked rotor
Resistive Motor power
N.O. poles
Basic catalog number
load
current
load
115 V
230 V
230 V460/575V
complete with code indicating
current
277 V 480 V 575 V
current
single-phase single-phase 3-phase
3-phase
control circuit voltage (1)
AA
A
A
A
Hp
kW
Hp
kW
Hp
kW
Hp
kW
20
120
100
80
25
1
1.1
2
1.5
5
3.7
7.5
5.5
2
8910DPA12
ppp
ppp
ppp
ppp
ppp
3
8910DPA13
ppp
ppp
ppp
ppp
ppp
4
8910DPA14
ppp
ppp
ppp
ppp
ppp
25
150
125
100
35
2
1.5
3
2.2
7.5
5.5
10
7.5
2
8910DPA22
ppp
ppp
ppp
ppp
ppp
3
8910DPA23
ppp
ppp
ppp
ppp
ppp
4
8910DPA24
ppp
ppp
ppp
ppp
ppp
30
180
150
120
40
2
1.5
5
3.7
10
7.5
15
11
2
8910DPA32
ppp
ppp
ppp
ppp
ppp
3
8910DPA33
ppp
ppp
ppp
ppp
ppp
4
8910DPA34
ppp
ppp
ppp
ppp
ppp
40
240
200
160
50
3
2.2
7.5
5.5
10
7.5
20
15
2
8910DPA42
ppp
ppp
ppp
ppp
ppp
3
8910DPA43
ppp
ppp
ppp
ppp
ppp
4
8910DPA44
ppp
ppp
ppp
ppp
ppp
50
300
250
200
62
3
2.2
10
7.5
15
11
30
22
2
8910DPA52
ppp
ppp
ppp
ppp
ppp
3
8910DPA53
ppp
ppp
ppp
ppp
ppp
60
360
300
240
75
5
3.7
10
7.5
25
18.5
30
22
2
8910DPA62
ppp
ppp
ppp
ppp
ppp
3
8910DPA63
ppp
ppp
ppp
ppp
ppp
75
450
375
300
94
5
3.7
15
11
25
18.5
40
30
2
8910DPA72
ppp
ppp
ppp
ppp
ppp
3
8910DPA73
ppp
ppp
ppp
ppp
ppp
90
540
450
360
120
7.5
5.5
20
15
30
22
50
37
2
8910DPA92
ppp
ppp
ppp
ppp
ppp
3
8910DPA93
ppp
ppp
ppp
ppp
ppp
120
720
600
480
120
10
7.5
25
18.5
40
30
75
55
2
8910DPA122
ppp
ppp
ppp
ppp
ppp
3
8910DPA123
ppp
ppp
ppp
ppp
ppp
For additional infor mation, reference catalog 8910CT9301R6/97.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com